| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 582 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 582 Page - Renesas Technology Corp |
|
582 / 1726 page ![]() Section 11 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 1.00 Jun. 26, 2008 Page 552 of 1692 REJ09B0393-0100 (1) Procedure for Selecting the Reset-Synchronized PWM Mode Figure 11.35 shows an example of procedure for selecting reset-synchronized PWM mode. Stop counting Select counter clock and counter clear source Set TGR Reset-synchronized PWM mode Brushless DC motor control setting Set TCNT Enable waveform output Set reset-synchronized PWM mode PWM cycle output enabling, PWM output level setting Start count operation Reset-synchronized PWM mode [1] Clear the CST3 and CST4 bits in the TSTR to 0 to halt the counting of TCNT. The reset-synchronized PWM mode must be set up while TCNT_3 and TCNT_4 are halted. [2] Set bits TPSC2-TPSC0 and CKEG1 and CKEG0 in the TCR_3 to select the counter clock and clock edge for channel 3. Set bits CCLR2-CCLR0 in the TCR_3 to select TGRA compare-match as a counter clear source. [3] When performing brushless DC motor control, set bit BDC in the timer gate control register (TGCR) and set the feedback signal input source and output chopping or gate signal direct output. [4] Reset TCNT_3 and TCNT_4 to H'0000. [5] TGRA_3 is the period register. Set the waveform period value in TGRA_3. Set the transition timing of the PWM output waveforms in TGRB_3, TGRA_4, and TGRB_4. Set times within the compare-match range of TCNT_3. X ≤ TGRA_3 (X: set value). [6] Select enabling/disabling of toggle output synchronized with the PMW cycle using bit PSYE in the timer output control register (TOCR), and set the PWM output level with bits OLSP and OLSN. When specifying the PWM output level by using TOLBR as a buffer for TOCR_2, see figure 10.3. [7] Set bits MD3-MD0 in TMDR_3 to B'1000 to select the reset-synchronized PWM mode. Do not set to TMDR_4. [8] Set the enabling/disabling of the PWM waveform output pin in TOER. [9] Set the port control register and the port I/O register. [10] Set the CST3 bit in the TSTR to 1 to start the count operation. [1] [2] [3] [4] [5] [6] [7] [8] PFC setting [9] [10] Note: The output waveform starts to toggle operation at the point of TCNT_3 = TGRA_3 = X by setting X = TGRA, i.e., cycle = duty. Figure 11.35 Procedure for Selecting Reset-Synchronized PWM Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |