Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 628 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 628 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 624Page - Renesas Technology Corp SH7243 Datasheet HTML 625Page - Renesas Technology Corp SH7243 Datasheet HTML 626Page - Renesas Technology Corp SH7243 Datasheet HTML 627Page - Renesas Technology Corp SH7243 Datasheet HTML 628Page - Renesas Technology Corp SH7243 Datasheet HTML 629Page - Renesas Technology Corp SH7243 Datasheet HTML 630Page - Renesas Technology Corp SH7243 Datasheet HTML 631Page - Renesas Technology Corp SH7243 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 598 of 1692
REJ09B0393-0100
Note: * The skipping count is set to three.
Buffer transfer-enabled period
(T3AEN is set to 1)
Buffer transfer-enabled period
(T4VEN is set to 1)
Buffer transfer-enabled period
(T3AEN and T4VEN are set to 1)
00
123
0123
0123
0123
Skipping counter 3ACNT
Skipping counter 4VCNT
Figure 11.78 Relationship between Bits T3AEN and T4VEN in TITCR and Buffer
Transfer-Enabled Period
(4)
Complementary PWM Mode Output Protection Function
Complementary PWM mode output has the following protection functions.
(a)
Register and Counter Miswrite Prevention Function
With the exception of the buffer registers, which can be rewritten at any time, access by the CPU
can be enabled or disabled for the mode registers, control registers, compare registers, and
counters used in complementary PWM mode by means of the RWE bit in the timer read/write
enable register (TRWER). The applicable registers are some (21 in total) of the registers in
channels 3 and 4 shown in the following:
• TCR_3 and TCR_4, TMDR_3 and TMDR_4, TIORH_3 and TIORH_4, TIORL_3 and
TIORL_4, TIER_3 and TIER_4, TCNT_3 and TCNT_4, TGRA_3 and TGRA_4, TGRB_3
and TGRB_4, TOER, TOCR, TGCR, TCDR, and TDDR.
This function enables miswriting due to CPU runaway to be prevented by disabling CPU access to
the mode registers, control registers, and counters. When the applicable registers are read in the
access-disabled state, undefined values are returned. Writing to these registers is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com