Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 629 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 629 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 625Page - Renesas Technology Corp SH7243 Datasheet HTML 626Page - Renesas Technology Corp SH7243 Datasheet HTML 627Page - Renesas Technology Corp SH7243 Datasheet HTML 628Page - Renesas Technology Corp SH7243 Datasheet HTML 629Page - Renesas Technology Corp SH7243 Datasheet HTML 630Page - Renesas Technology Corp SH7243 Datasheet HTML 631Page - Renesas Technology Corp SH7243 Datasheet HTML 632Page - Renesas Technology Corp SH7243 Datasheet HTML 633Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 599 of 1692
REJ09B0393-0100
(b)
Halting of PWM Output by External Signal
The 6-phase PWM output pins can be set automatically to the high-impedance state by inputting
specified external signals. There are four external signal input pins.
See section 13, Port Output Enable 2 (POE2), for details.
(c)
Halting of PWM Output by Oscillation Stop
The 6-phase PWM output pins can detect the clock stop and set the output pin automatically to the
high-impedance state. However, the pin state is not guaranteed when the clock starts oscillation
again.
See section 4.7, Oscillation Stop Detection, for details.
11.4.9
A/D Converter Start Request Delaying Function
A/D converter start requests can be issued in channel 4 by making settings in the timer A/D
converter start request control register (TADCR), timer A/D converter start request cycle set
registers (TADCORA_4 and TADCORB_4), and timer A/D converter start request cycle set
buffer registers (TADCOBRA_4 and TADCOBRB_4).
The A/D converter start request delaying function compares TCNT_4 with TADCORA_4 or
TADCORB_4, and when their values match, the function issues a respective A/D converter start
request (TRG4AN or TRG4BN).
A/D converter start requests (TRG4AN and TRG4BN) can be skipped in coordination with
interrupt skipping by making settings in the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in
TADCR.
• Example of Procedure for Specifying A/D Converter Start Request Delaying Function
Figure 11.79 shows an example of procedure for specifying the A/D converter start request
delaying function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com