Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 301Page - Renesas Technology Corp SH7243 Datasheet HTML 302Page - Renesas Technology Corp SH7243 Datasheet HTML 303Page - Renesas Technology Corp SH7243 Datasheet HTML 304Page - Renesas Technology Corp SH7243 Datasheet HTML 305Page - Renesas Technology Corp SH7243 Datasheet HTML 306Page - Renesas Technology Corp SH7243 Datasheet HTML 307Page - Renesas Technology Corp SH7243 Datasheet HTML 308Page - Renesas Technology Corp SH7243 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 275 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
MPX-I/O Interface Bus Width Specification
Specifies an address to select the bus width when the
BSZ[1:0] of CS5BCR are specified as 11. This bit is
valid only when area 5 is specified as MPX-I/O. Always
set this bit to 0 in the SH7285 and SH7243.
0: Selects the bus width by address A14
1: Selects the bus width by address A21
The relationship between the SZSEL bit and bus width
selected by A14 or A21 are summarized below.
SZSEL
A14
A21
Bus Width
0
0
Not affected
8 bits
0
1
Not affected
16 bits
1
Not affected
0
8 bits
1
Not affected
1
16 bits
21
SZSEL
0
R/W
MPXW
0
R/W
MPX-I/O Interface Address Wait
This bit setting is valid only when area 5 is specified as
MPX-I/O. Specifies the address cycle insertion wait for
MPX-I/O interface.
0: Inserts no wait cycle
1: Inserts 1 wait cycle
20
BAS
0
R/W
SRAM with Byte Selection Byte Access Select
This bit setting is valid only when area 5 is specified as
SRAM with byte selection.
Specifies the
WEn and RD/WR signal timing when the
SRAM interface with byte selection is used.
0: Asserts the
WEn signal at the read timing and
asserts the RD/
WR signal during the write access
cycle.
1: Asserts the
WEn signal during the read access cycle
and asserts the RD/
WR signal at the write timing.
19
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com