| Electronic Components Datasheet Search |
|
SH7708S Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708S Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 633 page ![]() 16 Register values after a reset are shown in table 2.1. Table 2.1 Initial Register Values Type Registers Initial Value General registers R0 to R15 Undefined Control registers SR MD bit = 1, RB bit = 1, BL bit = 1, I3– I0 = 1111 (H'F), reserved bits = 0, others undefined GBR, SSR, SPC Undefined VBR H'00000000 System registers MACH, MACL, PR Undefined PC H'A0000000 Note: Initialized by a power-on reset or manual reset. 2.1.2 General Registers There are 16 general registers, designated R0 to R15 (figure 2.3). General registers R0 to R7 are banked registers, with a different R0–R7 register bank (R0_BANK0–R7_BANK0 or R0_BANK1–R7_BANK1) being accessed according to the processor mode. For details, see section 2.1.1, Privileged Mode and Banks. 31 0 R0*1, *2 General Registers Notes: R0 functions as an index register in the indexed register-indirect addressing mode and indexed GBR-indirect addressing mode. In some instructions, only R0 can be used as the source register or destination register. R0–R7 are banked registers. In privileged mode, SR.RB specifies which banked registers are accessed as general registers (R0_BANK0–R7_BANK0 or R0_BANK1–R7_BANK1). 1. 2. R1*2 R2*2 R3*2 R4*2 R5*2 R6*2 R7*2 R8 R9 R10 R11 R12 R13 R14 R15 Figure 2.3 General Registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |