Electronic Components Datasheet Search
  English  ▼

X  

SH7708S Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 93Page - Renesas Technology Corp SH7708S Datasheet HTML 94Page - Renesas Technology Corp SH7708S Datasheet HTML 95Page - Renesas Technology Corp SH7708S Datasheet HTML 96Page - Renesas Technology Corp SH7708S Datasheet HTML 97Page - Renesas Technology Corp SH7708S Datasheet HTML 98Page - Renesas Technology Corp SH7708S Datasheet HTML 99Page - Renesas Technology Corp SH7708S Datasheet HTML 100Page - Renesas Technology Corp SH7708S Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 633 page
background image
79
VPN
31
23
11110010
*
*
16
(1) TLB Address Array Access
Read access
W
0
*
VPN
*
31
23
24
24
17
17
17
11110010
*
**
*
16
Write access
Read/write access
W
60
*
*
A
VPN
31
23
24
11110011
*
*
16
17
Address field
W
0
*
*
31
Data field
10
PPN
8
9
7 654
3 2
1
0
X
V
XX
VPN
31
16
Data field
(2) TLB Data Array Access
12
10
11
8
97
12
10
11
8
97
12
10
11
8
97
12
10
11
8
97
6
*
0
0
ASID
0V
VPN
0
0
17
VPN
16
12
10
11
VPN
31
ASID
8
97
0
*
V
D
C
SH
PR SZ
VPN:
V:
A:
W:
Virtual page number
Valid bit
Association bit
Way (00: Way 0, 01: Way 1, 10: Way 2, 11: Way 3)
ASID:
:
Address space identifier
Don’t care bit
PPN:
PR:
C:
SH:
VPN:
X:
W:
Physical page number
Protection key field
Cacheable bit
Share status bit
Virtual page number
0 for read, don’t care bit for write
Way (00: Way 0, 01: Way 1, 10: Way 2, 11: Way 3)
V:
SZ:
D:
:
Valid bit
Page size bit
Dirty bit
Don’t care bit
Address field
Data field
Address field
*
*
*
* *
* *
Figure 3.14 Specifying Address and Data for Memory-Mapped TLB Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com