Electronic Components Datasheet Search
  English  ▼

X  

SH7708S Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 81Page - Renesas Technology Corp SH7708S Datasheet HTML 82Page - Renesas Technology Corp SH7708S Datasheet HTML 83Page - Renesas Technology Corp SH7708S Datasheet HTML 84Page - Renesas Technology Corp SH7708S Datasheet HTML 85Page - Renesas Technology Corp SH7708S Datasheet HTML 86Page - Renesas Technology Corp SH7708S Datasheet HTML 87Page - Renesas Technology Corp SH7708S Datasheet HTML 88Page - Renesas Technology Corp SH7708S Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 633 page
background image
67
3.4.3
MMU Instruction (LDLTB)
The load TLB instruction (LDTLB) is used to record TLB entries. When the IX bit in MMUCR is
0, the LDTLB instruction changes the TLB entry in the way specified by the RC bit in MMUCR
to the value specified by PTEH and PTEL, using VPN bits 16–12 specified in PTEH as the index
number. When the IX bit in MMUCR is 1, the EX-OR of VPN bits 16–12 specified in PTEH and
ASID bits 4–0 in PTEH are used as the index number.
Figure 3.9 shows the case where the IX bit in MMUCR is 0.
When an MMU exception occurs, the virtual page number of the virtual address that caused the
exception is set in PTEH by hardware. The way is set in the RC bit of MMUCR for each exception
according to the rules shown in figure 3.9. Consequently, if the LDTLB instruction is issued after
setting only PTEL in the MMU exception handling routine, TLB entry recording is possible. Any
TLB entry can be updated by software rewriting of PTEH and the RC bits in MMUCR.
As the LDTLB instruction changes address translation information, there is a risk of destroying
address translation information if this instruction is issued in the P0, U0, or P3 area. Make sure,
therefore, that this instruction is issued in the P1 or P2 area. Also, an instruction associated with an
access to the P0, U0, or P3 area (such as the RTE instruction) should be issued at least two
instructions after the LDLTB instruction.
VPN(31–17)
VPN(11–10)
ASID(7–0)
V
VPN
0
ASID
VPN
0
SV 0 0 RC 0 TF IX AT
PPN
0 V 0 PR SZ C D SH 0
Write
PPN(31–10) PR(1–0) SZ C
D SH
Write
Data array
Address array
Way selection
Way 0 to 3
31
9
0
MMUCR
Index
31
17
12
10
8
0
PTEH register
31
10
0
PTEL register
0
31
Figure 3.9 Operation of LDTLB Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com