Electronic Components Datasheet Search
  English  ▼

X  

SH7708S Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 23Page - Renesas Technology Corp SH7708S Datasheet HTML 24Page - Renesas Technology Corp SH7708S Datasheet HTML 25Page - Renesas Technology Corp SH7708S Datasheet HTML 26Page - Renesas Technology Corp SH7708S Datasheet HTML 27Page - Renesas Technology Corp SH7708S Datasheet HTML 28Page - Renesas Technology Corp SH7708S Datasheet HTML 29Page - Renesas Technology Corp SH7708S Datasheet HTML 30Page - Renesas Technology Corp SH7708S Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 633 page
background image
9
Table 1.2
SH7708 Series Pin Functions (cont)
No.
Terminal
I/O
Description
30
VSS
Power
Power (0 V)
31
VCC
Power
Power (3.3 V)
32
D4
I/O
Data bus
33
D3
I/O
Data bus
34
D2
I/O
Data bus
35
D1
I/O
Data bus
36
D0
I/O
Data bus
37
A0
O
Address bus
38
A1
O
Address bus
39
A2
O
Address bus
40
A3
O
Address bus
41
VSS
Power
Power (0 V)
42
VCC
Power
Power (3.3 V)
43
A4
O
Address bus
44
A5
O
Address bus
45
A6
O
Address bus
46
A7
O
Address bus
47
A8
O
Address bus
48
A9
O
Address bus
49
VSS
Power
Power (0 V)
50
VCC
Power
Power (3.3 V)
51
A10
O
Address bus
52
A11
O
Address bus
53
A12
O
Address bus
54
VSS
Power
Power (0 V)
55
VCC
Power
Power (3.3 V)
56
A13
O
Address bus
57
A14
O
Address bus
58
A15
O
Address bus
59
VSS
Power
Power (0 V)
60
VCC
Power
Power (3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com