Electronic Components Datasheet Search
  English  ▼

X  

SH7708S Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7708S
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708S Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7708S Datasheet HTML 25Page - Renesas Technology Corp SH7708S Datasheet HTML 26Page - Renesas Technology Corp SH7708S Datasheet HTML 27Page - Renesas Technology Corp SH7708S Datasheet HTML 28Page - Renesas Technology Corp SH7708S Datasheet HTML 29Page - Renesas Technology Corp SH7708S Datasheet HTML 30Page - Renesas Technology Corp SH7708S Datasheet HTML 31Page - Renesas Technology Corp SH7708S Datasheet HTML 32Page - Renesas Technology Corp SH7708S Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 633 page
background image
11
Table 1.2
SH7708 Series Pin Functions (cont)
No.
Terminal
I/O
Description
91
IRL2
I
External interrupt source input
92
IRL1
I
External interrupt source input
93
IRL0
I
External interrupt source input
94
IOIS16
I
IO16-bit instruction
95
IRQOUT
O
Bus request notification output
96
BACK
O
Bus acknowledge
97
STATUS1
O
Processor status
98
STATUS0
O
Processor status
99
NC
O
Leave unconnected
100
VSS
Power
Power (0 V)
101
CKIO
I/O
System clock I/O
102
VCC
Power
Power (3.3 V)
103
MD4/
CE2B
I/O
Operating mode pin/PCMCIA CE pin
104
MD3/
CE2A
I/O
Operating mode pin/PCMCIA CE pin
105
BS
O
Bus cycle start
106
RD/
WR
O
Read/write
107
RD
O
Read pulse
108
CS6/CE1B
O
Chip select 6/PCMCIA CE pin
109
CS5/CE1A
O
Chip select 5/PCMCIA CE pin
110
CS4
O
Chip select 4
111
CS3
O
Chip select 3
112
CS2
O
Chip select 2
113
CS1
O
Chip select 1
114
CS0
O
Chip select 0
115
VSS
Power
Power (0 V)
116
VCC
Power
Power (3.3 V)
117
WE3/DQMUU/ICIOWR
O
D31–D24 selection signal/IO write
118
WE2/DQMUL/ICIORD
O
D23–D16 selection signal/IO read
119
CASHH/CAS2H
O
D31–D24/D15–D8 selection signal
120
CASHL/CAS2L
O
D23–D16/D7–D0 selection signal
121
VSS
Power
Power (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com