| Electronic Components Datasheet Search |
|
SH7708S Datasheet(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708S Datasheet(HTML) 89 Page - Renesas Technology Corp |
|
89 / 633 page ![]() 71 2. If using software for way selection for entry replacement, write the desired value to the RC field in MMUCR. 3. Issue the LDTLB instruction to load the contents of PTEH and PTEL into the TLB. 4. Issue the return from exception handler (RTE) instruction to terminate the handler routine and return to the instruction stream. The RTE instruction should be issued at least two instructions after the LDTLB instruction. 3.5.2 TLB Protection Violation Exception A TLB protection violation exception results when the virtual address and the address array of the selected TLB entry are compared and a valid entry is found to match, but the type of access is not permitted by the access rights specified in the PR field. TLB protection violation exception handling includes both hardware and software operations. Hardware Operations: In a TLB protection violation exception, the SH7708 Series hardware executes a set of prescribed operations, as follows: 1. The VPN field of the virtual address causing the exception is written to the PTEH register. 2. The virtual address causing the exception is written to the TEA register. 3. Either exception code H'0A0 for a load access, or H'0C0 for a store access, is written to the EXPEVT register. 4. The PC value indicating the address of the instruction in which the exception occurred is written into SPC (if the exception occurred in a delay slot, the PC value indicating the address of the related delayed branch instruction is written into SPC). 5. The contents of SR at the time of the exception are written to SSR. 6. The MD bit in SR is set to 1 to place the SH7708 Series in privileged mode. 7. The BL bit in SR is set to 1 to mask any further exception requests. 8. The register bank (RB) bit in SR is set to 1. 9. The way that generated the exception is set in the RC field in MMUCR. 10. Execution branches to the address obtained by adding the value of the VBR contents and H'00000100 to invoke the TLB protection violation exception handler. Software (TLB Protection Violation Handler) Operations: The software resolves the TLB protection violation and issues the RTE (return from exception handler) instruction to terminate the handler and return to the instruction stream. The RTE instruction should be issued at least two instructions after the LDTLB instruction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |