Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 476Page - Renesas Technology Corp 7733 Datasheet HTML 477Page - Renesas Technology Corp 7733 Datasheet HTML 478Page - Renesas Technology Corp 7733 Datasheet HTML 479Page - Renesas Technology Corp 7733 Datasheet HTML 480Page - Renesas Technology Corp 7733 Datasheet HTML 481Page - Renesas Technology Corp 7733 Datasheet HTML 482Page - Renesas Technology Corp 7733 Datasheet HTML 483Page - Renesas Technology Corp 7733 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–14
18.4 Electrical characteristics
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
666
333
333
Max.
Min.
666
333
333
Timer B input (Count input in event counter mode)
tc(TB)
tw(TBH)
tw(TBL)
tc(TB)
tw(TBH)
tw(TBL)
Min.
Max.
ns
ns
ns
ns
ns
ns
Limits
Unit
Symbol
TBiIN input cycle time
TBiIN input high-level pulse width
TBiIN input low-level pulse width
tc(TB)
tw(TBH)
tw(TBL)
ns
ns
ns
Limits
Unit
Symbol
Parameter
Timer B input (Pulse period measurement mode)
Parameter
TBiIN input cycle time (One edge count)
TBiIN input high-level pulse width (One edge count)
TBiIN input low-level pulse width (One edge count)
TBiIN input cycle time (Both edges count)
TBiIN input high-level pulse width (Both edges count)
TBiIN input low-level pulse width (Both edges count)
250
125
125
500
250
250
Timer B input (Pulse width measurement mode)
tc(TB)
tw(TBH)
tw(TBL)
TBiIN input cycle time
TBiIN input high-level pulse width
TBiIN input low-level pulse width
Limits
Unit
Symbol
Parameter
Max.
ADTRG
input cycle time (Minimum allowable trigger)
ADTRG
input low-level pulse width
Min.
Max.
ns
ns
Limits
Unit
Parameter
Symbol
tc(AD)
tw(ADL)
A-D trigger input
1333
166
Serial I/O
CLKi input cycle time
CLKi input high-level pulse width
CLKi input low-level pulse width
TxDi output delay time
TxDi hold time
RxDi input setup time
RxDi input hold time
tc(CK)
tw(CKH)
tw(CKL)
td(C–Q)
th(C–Q)
tsu(D–C)
th(C–D)
Min.
Max.
100
Limits
Unit
Symbol
Parameter
333
166
166
0
65
75
Data formula (Min.)
Data formula (Min.)
8 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
(Note 2)
(Note 2)
(Note 2)
Notes 1: The TBiIN input cycle time must be 4 cycles of a count source or more.
The TBiIN input high-level pulse width and low-level pulse width must be 2 cycles of a count source
or more, respectively.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
8 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com