Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 630 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 630 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 626Page - Renesas Technology Corp 7733 Datasheet HTML 627Page - Renesas Technology Corp 7733 Datasheet HTML 628Page - Renesas Technology Corp 7733 Datasheet HTML 629Page - Renesas Technology Corp 7733 Datasheet HTML 630Page - Renesas Technology Corp 7733 Datasheet HTML 631Page - Renesas Technology Corp 7733 Datasheet HTML 632Page - Renesas Technology Corp 7733 Datasheet HTML 633Page - Renesas Technology Corp 7733 Datasheet HTML 634Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-82
Appendix 9. Q & A
Q
Questions about the memory allocation selection function are described below:
Œ For what purpose is this function used?
 Is there any precaution on use of this function?
Memory
Œ This function is used in order to secure an external memory area to bank 0 16 in the memory
expansion mode.
If there is an external device which is frequently accessed, this device’s memory allocation in bank
016 is effective for accessing this device, as well as internal RAM and SFR, with using DPR and
DT efficiently. In the M37733MHBXXXFP, all of bank 016 is specified as an area for internal
resources. Therefore, this function is used to secure an external memory area in bank 016.
Note that the memory allocation selection bits are valid in the single-chip mode, also. In the single-
chip mode, the memory allocation selection function is valid only for reduction of usable ROM area.
Therefore, in the single-chip mode, we recommend to set these bits to “0002” (the state immedi-
ately after reset) and not to change them.
 Note the following:
• When changing the memory allocation selection bits, follow the procedure in Figure 2.4.1.
• When changing the memory allocation selection bits, make sure that the change is done within
an area which is in the internal ROM area both of after and before the change, for example
addresses 00C00016 to 00FFFF16.
• We recommend to set the memory allocation selection bits only when a processor mode is set
after reset and not to change them after this setting.
• When programming to the EPROM and one time PROM versions, program to addresses listed in
Table 19.1.3.
• As for debugging for an area in bank 016 or 116 which is specified as an external area, some
considerations may be necessary. For details concerning the development support tools, refer to
the respective operation manuals.
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com