Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 743 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 743 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 739Page - Renesas Technology Corp 7733 Datasheet HTML 740Page - Renesas Technology Corp 7733 Datasheet HTML 741Page - Renesas Technology Corp 7733 Datasheet HTML 742Page - Renesas Technology Corp 7733 Datasheet HTML 743Page - Renesas Technology Corp 7733 Datasheet HTML 744Page - Renesas Technology Corp 7733 Datasheet HTML 745Page - Renesas Technology Corp 7733 Datasheet HTML 746Page - Renesas Technology Corp 7733 Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–17
17.1 Memory expansion
Fig. 17.1.10 Bus buffer usage example (2) (when a memory which requires a long data hold time for writing
is connected)
DIR
ALS245A
BYTE
16 MHz
E
D
Q
OC
ALS573
OC
DIR
A
B
E
DQ
OC
ALS573
ALE
A16, A17
OC
A
B
1D 1Q
1T
2D
2Q
2T
1
F74
F04
XIN
XOUT
ALS245A
A8/D8 to
A15/D15
M37735MHBXXXFP
A0/D0 to
A7/D7
g2
CNVSS
g2
RDE
WEH
RD
WO
WE
WEL
F32
F11 g1
Data bus (even)
Data bus (odd)
Address bus
These circuits make the rising edge of
the write signal earlier by 1/2
1
, so
that the write hold time is extended.
g1 Make sure that the propagation delay time is 20 ns or less.
Circuit conditions: Wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
f(XCIN)
or
2
g1, g2 Make sure that the following relationships are satisfied:
q The sum of propagation delay time of g1 and output disable time of g2 is 42.5 ns or less.
q The sum of propagation delay time of g1 and output enable time of g2 is 5 ns or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com