Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 35Page - Renesas Technology Corp 32173 Datasheet HTML 36Page - Renesas Technology Corp 32173 Datasheet HTML 37Page - Renesas Technology Corp 32173 Datasheet HTML 38Page - Renesas Technology Corp 32173 Datasheet HTML 39Page - Renesas Technology Corp 32173 Datasheet HTML 40Page - Renesas Technology Corp 32173 Datasheet HTML 41Page - Renesas Technology Corp 32173 Datasheet HTML 42Page - Renesas Technology Corp 32173 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 875 page
background image
1
1-18
Rev.1.0
1.4 Pin Layout
Figure 1.4.1 shows a pin layout diagram of the 32172/32173. Table 1.4.1 lists a pin arrangement of
the 32172/32173.
Figure 1.4.1
Pin Layout Diagram of the M32172F2VFP/M32173F2VFP (Top View)
Overview
1.4 Pin Layout
M32172F2VFP
M32173F2VFP
P43/ RD
VSS
VCCI
P41/ BLW / BLE
P153/TIN9/RXD7 (/AD1IN15)
P150/TIN8/TXD7 (/AD0IN15)
VCCE
P107/TO15/RXD4
P106/TO14/TXD4
P104/TO12/SCLKI4
P103/TO11
VCCI
P42/ BHW / BHE
P125/TIN0B (/AD1IN9)
P124/TIN0A (/AD0IN9)
P44/ CS0
P45/ CS1
P47/A14
P46/A13/ CS3
P127/TIN1B (/AD1IN10)
P137/TIN23 (/AD1IN14)
P136/TIN22 (/AD0IN14)
P135/TIN21 (/AD1IN13)
P134/TIN20 (/AD0IN13)
P105/TO13/SCLKO4
P133/TIN19 (/AD1IN12)
P132/TIN18 (/AD0IN12)
P131/TIN17/PWMOFF1 (/AD1IN11)
P130/TIN16/PWMOFF0 (/AD0IN11)
P126/TIN1A (/AD0IN10)
JTDI
JTDO
JTRST
JTCK
JTMS
112
119
116
115
113
111
110
109
120
117
114
124
132
130
129
127
121
137
144
143
142
141
140
139
138
133
136
135
134
123
122
131
128
125
126
118
P220/CTX0
44
43
37
38
39
40
41
42
60
59
51
52
53
54
55
56
45
46
47
48
49
50
57
58
63
64
66
67
68
69
70
71
72
65
61
62
P14/DB12
P15/DB13
P16/DB14
P17/DB15
P82/TXD0
P83/RXD0
P174/TXD2
P175/RXD2
VSS
VCCI
VREF0
AVCC0
AD0IN7
AD0IN6
AD0IN5
AD0IN4
AD0IN3
AD0IN2
AD0IN1
AD0IN0
P173/TIN11 (/AD1IN7)
P172/TIN10 (/AD1IN6)
DA1 (/AD1IN5)
DA0 (/AD1IN4)
AD1IN3
AD1IN2
AD1IN1
AD1IN0
AVSS0
P85/TXD1
P86/RXD1
P87/SCLKI1/SCLKO1
VSS
P84/SCLKI0/SCLKO0
VCCE
P13/DB11
Package: 144P6Q (0.5 mm pitch)
Note: Use caution when using a pin because it has a debug event function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com