Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 28Page - Renesas Technology Corp 32173 Datasheet HTML 29Page - Renesas Technology Corp 32173 Datasheet HTML 30Page - Renesas Technology Corp 32173 Datasheet HTML 31Page - Renesas Technology Corp 32173 Datasheet HTML 32Page - Renesas Technology Corp 32173 Datasheet HTML 33Page - Renesas Technology Corp 32173 Datasheet HTML 34Page - Renesas Technology Corp 32173 Datasheet HTML 35Page - Renesas Technology Corp 32173 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 875 page
background image
1
1-11
Rev.1.0
XIN
RESET
Clock
Reset
VSS
3
5
Address bus
Bus control
8
Data bus
P72 / HREQ
P73 / HACK /TXD3
P71 / WAIT
P43 / RD
P44 / CS0
P45 / CS1
P41 / BLW / BLE
P42 / BHW / BHE
Port 0
Port 8
XOUT
VCNT
OSC-VCC
OSC-VSS
MOD0
MOD1
Mode
P74 / RTDTXD
P75 / RTDRXD
P76 / RTDACK
P77 / RTDCLK
Realtime
debugger
P70 / BCLK / WR
Port 7
P82 / TXD0
P83 / RXD0
P84 / SCLKI 0 / SCLKO 0
P85 / TXD1
P86 / RXD1
P87 / SCLKI 1 / SCLKO 1
Serial I/O
VDD
FVCC
FP
P220 / CTX0
P221 / CRX0
3.3V
5V
Note
: The [3.3V] blocks operate with a 3.3 V power supply.
: The [5V] blocks operate with a 5 V power supply.
JTMS
JTCK
JTRST
JTDO
JTAG
JTDI
Bus control
address bus
VCCE
P00 — P07/DB0 — DB7
8
8
P10 — P17/DB8 — DB15
Port 1
P20 — P27 / A23 — A30
P30 — P37 / A15 — A22
8
P46 / A13 / CS3
P47 / A14
Port 2
Port 3
Port 4
Interrupt
controller
P61 — P63
Port 6
P64 / SBI
3
Bus control
serial I/O
Clock
P93 / RXD3 (/ AD0IN8)
P94 / TXD6
P95 / RXD6
P96 / CTX1
P97 / CRX1
Port 9
CAN
P100 — P103 / TO8 — TO11
P105 / TO13 / SCLKO4
P106 / TO14 / TXD4
P104 / TO12 / SCLKI4
P107 / TO15 / RXD4
Port 10
Input/output timer
Input/output timer
serial I/O
P110 — P113 / TO0 — TO3
P115 / TO5 / SCLKO5
P116 / TO6 / TXD5
P114 / TO4/ SCLKI5
P117 / TO7 / RXD5
Port 11
Input/output timer
Input/output timer
serial I/O
A-D
converter
AVCC0
VREF0
AD0IN0 — AD0IN7
AVSS0
AD1IN0 — AD1IN3
P125 / TIN0B (/ AD1IN9)
P126 / TIN1A (/ AD0IN10)
P124 / TIN0A (/ AD0IN9)
P127 / TIN1B (/ AD1IN10)
Port 12
PD module
(A-D converter)
P135 / TIN21 (/ AD1IN13)
P136 / TIN22 (/ AD0IN14)
P134 / TIN20 (/ AD0IN13)
P137 / TIN23 (/ AD1IN14)
Port 13
P131 / TIN17 / PWMOFF1
(/AD1IN11)
P132 / TIN18 (/ AD0IN12)
P130 / TIN16 / PWMOFF0
(/AD0IN11)
P133 / TIN19 (/ AD1IN12)
Input/output timer
(A-D converter)
P150 / TIN8 / TXD7
(/ AD0IN15)
P153 / TIN9 / RXD7
(/ AD1IN15)
Port 15
P173 / TIN11 (/ AD1IN7)
P172 / TIN10 (/ AD1IN6)
P174 / TXD2
P175 / RXD2
Port 17
P225 / A12 / CS2
Port 22
CAN
DA0 (/ AD1IN4)
DA1 (/ AD1IN5)
D-A
converter
VCCI
4
4
Serial I/O
8
4
4
TRCLK
TRDATA
TRSYNC
DBI
EVENT1
EVENT0
DEBUG
8
Input/output timer
serial I/O
(A-D converter)
Input/output timer
serial I/O
(A-D converter)
Figure 1.3.2
Pin Function Diagram of 175FBGA Package
Overview
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com