Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 29Page - Renesas Technology Corp 32173 Datasheet HTML 30Page - Renesas Technology Corp 32173 Datasheet HTML 31Page - Renesas Technology Corp 32173 Datasheet HTML 32Page - Renesas Technology Corp 32173 Datasheet HTML 33Page - Renesas Technology Corp 32173 Datasheet HTML 34Page - Renesas Technology Corp 32173 Datasheet HTML 35Page - Renesas Technology Corp 32173 Datasheet HTML 36Page - Renesas Technology Corp 32173 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 875 page
background image
1
1-12
Rev.1.0
Table 1.3.1 Description of Pin Functions (1/6)
Classification Pin Name
Description
Type
Function
Power supply
VCCE
Power supply
––
Supplies power to external I/O ports (5 V).
VCCI
Power supply
––
Supplies power to the internal logic (3.3 V).
VDD
RAM power supply
––
Power supply pin for internal RAM backup (3.3 V).
FVCC
Flash power supply ––
Power supply pin for the internal flash memory (3.3 V).
VSS
Ground
––
Connect all VSS to ground (GND).
Clock
XIN,
Clock
Input
Clock input/output pin. With a PLL-based
XOUT
Output
frequency multiplier circuit included, enter a clock with
1/4 the operating frequency (XIN input = 10.0 MHz for
the CPU clock of 40 MHz).
Use this clock for external synchronized design.
______
BCLK/WR
System
Output
When this signal is System Clock (BCLK), it outputs a
clock
clock whose is twice that of extemal inpout clock.
(BCLK output = 20 MHz when CPU clock operates at
40 MHz).
__
When this signal is Write (WR), during extemal write
access it indicates the valid data on the data bus to
transfer.
input clock (BCLK output = 20 MHz when the external
input clock is 10 MHz).
OSC-VCC
Power supply
––
Power supply for the PLL circuit. Connect OSC-VCC to
the power supply (3.3 V).
OSC-VSS
Ground
––
Connect OSC-VSS to ground.
VCNT
PLL control
Input
PLL circuit control pin. Connect a resistor and capacitor
to this pin. (For details about an external circuit, refer to
Section 20.1.1, "Example of an Oscillator Circuit."
Reset
_____
RESET
Reset
Input
Resets the internal circuits.
Mode
MOD0
Mode
Input
Sets operation mode.
MOD1
FP
MOD0
MOD1
Mode
X
0
0
Single-chip mode
X
0
1
External extended mode
0
1
0
Processor mode
1
1
0
Boot mode
X
1
1
(Reserved)
Address
A12-A30
Address
Output
To allow four blocks of up to 1 MB memory space to
bus
bus
be connected external to the chip, 19 address lines
(A12-A30) are provided. A31 is not output to the
outside.
Note: For details about boot mode, refer to Chapter 6, "Internal Memory."
Overview
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com