Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 67Page - Renesas Technology Corp 32173 Datasheet HTML 68Page - Renesas Technology Corp 32173 Datasheet HTML 69Page - Renesas Technology Corp 32173 Datasheet HTML 70Page - Renesas Technology Corp 32173 Datasheet HTML 71Page - Renesas Technology Corp 32173 Datasheet HTML 72Page - Renesas Technology Corp 32173 Datasheet HTML 73Page - Renesas Technology Corp 32173 Datasheet HTML 74Page - Renesas Technology Corp 32173 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 875 page
background image
3
3-12
Rev.1.0
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
H'0080 0000
H'0080 0002
H'0080 0004
H'0080 0006
H'0080 006C
H'0080 006E
H'0080 0070
H'0080 0072
H'0080 0074
H'0080 0076
H'0080 0078
H'0080 007A
H'0080 007C
H'0080 007E
H'0080 0080
H'0080 0082
H'0080 0084
H'0080 0086
H'0080 0088
H'0080 008A
H'0080 0090
+0 address
+1 address
Interrupt Vector Register (IVECT)
D0
D7 D8
D15
Interrupt Mask Register (IMASK)
SBI Control Register (SBICR)
SIO1 Transmit Interrupt Control Register (ISIO1TXCR)
SIO1 Receive Interrupt Control Register (ISIO1RXCR)
SIO0 Transmit Interrupt Control Register (ISIO0TXCR)
A-D0 Conversion Interrupt Control Register (IAD0CCR)
SIO0 Receive Interrupt Control Register (ISIO0RXCR)
DMA0-4 Interrupt Control Register (IDMA04CR)
TID1 Output Interrupt Control Register (ITID1CR)
TMS0 Output Interrupt Control Register (ITMS0CR)
TOM0 Output Interrupt Control Register (ITOM0CR)
Timer Input Interrupt Control Register 1 (IMJTOCR1)
Timer Input Interrupt Control Register 3 (IMJTICR3)
TID0 Output Interrupt Control Register (ITID0CR)
TOM1 Output Interrupt Control Register (ITOM1CR)
Timer Input Interrupt Control Register 0 (IMJTOCR0)
Timer Input Interrupt Control Register 2 (IMJTOCR2)
Timer Input Interrupt Control Register 4 (IMJTICR4)
Timer Input Interrupt Control Register 5 (IMJTICR5)
PWM Off Input Interrupt Control Register (IPWMOFFCR)
PDC Input & Error Interrupt Control Register (IPDCCR)
A-D0 Single Mode Register 0 (AD0SIM0)
A-D0 Single Mode Register 1 (AD0SIM1)
A-D0 Scan Mode Register 0 (AD0SCM0)
A-D0 Scan Mode Register 1 (AD0SCM1)
A-D0 Successive Approximation Register (AD0SAR)
A-D0 Comparate Data Register (AD0CMP)
H'0080 008C
H'0080 0092
H'0080 0094
10-bit A-D0 Data Register 0 (AD0DT0)
10-bit A-D0 Data Register 1 (AD0DT1)
10-bit A-D0 Data Register 2 (AD0DT2)
10-bit A-D0 Data Register 3 (AD0DT3)
10-bit A-D0 Data Register 4 (AD0DT4)
10-bit A-D0 Data Register 5 (AD0DT5)
10-bit A-D0 Data Register 6 (AD0DT6)
10-bit A-D0 Data Register 7 (AD0DT7)
10-bit A-D0 Data Register 8 (AD0DT8)
10-bit A-D0 Data Register 9 (AD0DT9)
10-bit A-D0 Data Register 10 (AD0DT10)
10-bit A-D0 Data Register 11 (AD0DT11)
10-bit A-D0 Data Register 12 (AD0DT12)
10-bit A-D0 Data Register 13 (AD0DT13)
10-bit A-D0 Data Register 14 (AD0DT14)
10-bit A-D0 Data Register 15 (AD0DT15)
H'0080 0096
H'0080 0098
H'0080 009A
H'0080 009C
H'0080 009E
H'0080 00A0
H'0080 00A2
H'0080 00A4
H'0080 00A6
H'0080 00A8
H'0080 00AA
H'0080 00AC
H'0080 00AE
H'0080 00D0
Address
H'0080 0066
H'0080 0068
H'0080 006A
SIO4 Transmit Interrupt Control Register (ISIO4TXCR)
SIO4 Receive Interrupt Control Register (ISIO4RXCR)
SIO2,3 Transmit/Receive Interrupt Control Register (ISIO23CR)
DMA5-9 Interrupt Control Register (IDMA59CR)
A-D1 Conversion Interrupt Control Register (IAD1CCR)
8-bit A-D0 Data Register 0 (AD08DT0)
H'0080 0064
H'0080 0062
H'0080 0060
CAN1 Transmit/Receive & Error Interrupt Control Register (ICAN1CR)
PDC Compare Match & Error Interrupt Control Register (IPDCOPCR)
RTD Interrupt Control Register (IRTDCR)
SIO6,7 Transmit/Receive Interrupt Control Register (ISIO67CR)
SIO5 Transmit Interrupt Control Register (ISIO5TXCR)
SIO5 Receive Interrupt Control Register (ISIO5RXCR)
Blank areas are reserved for future use.
A-D0 Conversion Rate Control Register (AD0CVSCR)
H'0080 008E
A-D0 Digital Input Control Register (AD0CHCON)
CAN0 Transmit/Receive & Error Interrupt Control Register (ICAN0CR)
Figure 3.4.4 Register Mapping of the SFR Area (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com