Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 73Page - Renesas Technology Corp 32173 Datasheet HTML 74Page - Renesas Technology Corp 32173 Datasheet HTML 75Page - Renesas Technology Corp 32173 Datasheet HTML 76Page - Renesas Technology Corp 32173 Datasheet HTML 77Page - Renesas Technology Corp 32173 Datasheet HTML 78Page - Renesas Technology Corp 32173 Datasheet HTML 79Page - Renesas Technology Corp 32173 Datasheet HTML 80Page - Renesas Technology Corp 32173 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 875 page
background image
3
3-18
Rev.1.0
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
H'0080 0A10
H'0080 0A12
H'0080 0A30
H'0080 0A32
H'0080 0A36
H'0080 0A40
H'0080 0A42
H'0080 0A44
H'0080 0A46
H'0080 0A80
H'0080 0A82
H'0080 0A84
H'0080 0A86
H'0080 0A8E
D0
D7 D8
D15
H'0080 0A8A
H'0080 0A90
H'0080 0A94
H'0080 0A96
H'0080 0A98
H'0080 0A9A
H'0080 0A9E
H'0080 0AA0
H'0080 0AA2
H'0080 0AA4
H'0080 0AA6
H'0080 0AA8
H'0080 0AAC
H'0080 0AAE
H'0080 0A16
H'0080 0A14
H'0080 0A8C
H'0080 0A00
SIO67 Interrupt Status Register (SI67STAT)
SIO47 Interrupt Mask Register (SI47MASK)
H'0080 0A02
H'0080 0A20
H'0080 0A22
H'0080 0A24
H'0080 0A26
H'0080 0A34
SIO47 Receive Interrupt Cause Select Register (SI47SEL)
SIO4 Transmit Control Register (S4TCNT)
SIO4 Transmit/Receive Mode Register (S4MOD)
SIO4 Transmit Buffer Register (S4TXB)
SIO4 Receive Buffer Register (S4RXB)
SIO4 Receive Control Register (S4RCNT)
SIO4 Baud Rate Register (S4BAUR)
SIO5 Transmit Control Register (S5TCNT)
SIO5 Transmit/Receive Mode Register (S5MOD)
SIO5 Transmit Buffer Register (S5TXB)
SIO5 Receive Buffer Register (S5RXB)
SIO5 Receive Control Register (S5RCNT)
SIO5 Baud Rate Register (S5BAUR)
SIO6 Transmit Control Register (S6TCNT)
SIO6 Transmit/Receive Mode Register (S6MOD)
SIO6 Transmit Buffer Register (S6TXB)
SIO6 Receive Buffer Register (S6RXB)
SIO6 Receive Control Register (S6RCNT)
SIO6 Baud Rate Register (S6BAUR)
SIO7 Transmit Control Register (S7TCNT)
SIO7 Transmit/Receive Mode Register (S7MOD)
SIO7 Transmit Buffer Register (S7TXB)
SIO7 Receive Buffer Register (S7RXB)
SIO7 Receive Control Register (S7RCNT)
SIO7 Baud Rate Register (S7BAUR)
H'0080 0A88
H'0080 0A92
H'0080 0A9C
H'0080 0AAA
A-D1 Single Mode Register 0 (AD1SIM0)
A-D1 Single Mode Register 1 (AD1SIM1)
A-D1 Scan Mode Register 0 (AD1SCM0)
A-D1 Scan Mode Register 1(AD1SCM1)
A-D1 Conversion Rate Control Register (AD1CVCR)
A-D1 Successive Approximation Register (AD1SAR)
A-D1 Comparate Data Register (AD1CMP)
A-D1 Digital Input Control Register (AD1CHCON)
10-bit A-D1 Data Register 0 (AD1DT0)
10-bit A-D1 Data Register 1 (AD1DT1)
10-bit A-D1 Data Register 2 (AD1DT2)
10-bit A-D1 Data Register 3 (AD1DT3)
10-bit A-D1 Data Register 4 (AD1DT4)
10-bit A-D1 Data Register 5 (AD1DT5)
10-bit A-D1 Data Register 6 (AD1DT6)
10-bit A-D1 Data Register 7 (AD1DT7)
10-bit A-D1 Data Register 8 (AD1DT8)
10-bit A-D1 Data Register 9 (AD1DT9)
10-bit A-D1 Data Register 10 (AD1DT10)
10-bit A-D1 Data Register 11 (AD1DT11)
10-bit A-D1 Data Register 12 (AD1DT12)
10-bit A-D1 Data Register 13 (AD1DT13)
10-bit A-D1 Data Register 14 (AD1DT14)
10-bit A-D1 Data Register 15 (AD1DT15)
+0 address
+1 address
Address
Blank areas are reserved for future use.
Figure 3.4.10 Register Mapping of the SFR Area (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com