Electronic Components Datasheet Search
  English  ▼

X  

32173 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 32173
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32173 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 32173 Datasheet HTML 21Page - Renesas Technology Corp 32173 Datasheet HTML 22Page - Renesas Technology Corp 32173 Datasheet HTML 23Page - Renesas Technology Corp 32173 Datasheet HTML 24Page - Renesas Technology Corp 32173 Datasheet HTML 25Page - Renesas Technology Corp 32173 Datasheet HTML 26Page - Renesas Technology Corp 32173 Datasheet HTML 27Page - Renesas Technology Corp 32173 Datasheet HTML 28Page - Renesas Technology Corp 32173 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 875 page
background image
1
1-4
Rev.1.0
1.1.4 Built-in Clock Multiplier Circuit
• The 32172/32173 internally multiplies the frequency of the input clock signal by 4 (or by 2 for
the internal peripheral clock). When the input clock frequency is 10.0 MHz, the CPU clock
frequency is 40 MHz and that of the internal peripheral clock is 20 MHz.
1.1.5 Built-in Powerful Peripheral Functions
(1) Built-in input/output timers
• The timers used in the 32172/32173 consist of the following 26 channels of timers. (When not
using the PDC module as a sensor interface circuit, eight more channels of input timers are
available.)
16-bit output related timers x 16 channels
16-bit input related timers x 6 channels
32-bit input related timers x 4 channels
Each timer has multiple modes to choose from, depending on the purpose of use.
(2) Built-in 10-channel DMA
• The microcomputer contains 10 channels of DMA, allowing for data transfer between internal
peripheral I/Os and between internal RAM and internal peripheral I/O. DMA transfer requests
can be issued from the user-created software, as well as can be triggered by a signal
generated by the internal peripheral I/O (A-D converter, input/output timer, or serial I/O).
• The microcomputer also supports cascaded operation between DMA channels (starting DMA
transfer on a channel at the end of transfer on another channel). This makes advanced transfer
processing possible without causing any additional CPU load.
(3) Built-in two blocks of A-D converters
• The microcomputer contains an 8-channel A-D converter and a 4-channel A-D converter, both
capable of 10-bit resolution.
• In addition to ordinary A-D conversion, the converters support comparator mode in which a set
value and the A-D converted value are compared to determine which is larger or smaller than
the other.
• When A-D conversion is finished, the converters can generate a DMA transfer request, as well
as an interrupt.
(4) High-speed serial I/O
• The microcomputer contains eight channels of serial I/Os which can be set for clock-
synchronized serial I/O or UART.
• The transfer rate in clock-synchronized serial I/O mode is a high 2 Mbits per second, allowing
for fast data transfer.
• The serial I/O has the function to generate a DMA transfer request when data reception is
Overview
1.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com