Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 101Page - Renesas Technology Corp 4513 Datasheet HTML 102Page - Renesas Technology Corp 4513 Datasheet HTML 103Page - Renesas Technology Corp 4513 Datasheet HTML 104Page - Renesas Technology Corp 4513 Datasheet HTML 105Page - Renesas Technology Corp 4513 Datasheet HTML 106Page - Renesas Technology Corp 4513 Datasheet HTML 107Page - Renesas Technology Corp 4513 Datasheet HTML 108Page - Renesas Technology Corp 4513 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 210 page
background image
2-2
APPLICATION
2.1 I/O pins
4513/4514 Group User’s Manual
2.1 I/O pins
The 4513/4514 Group has the twenty-eight I/O pins (eighteen I/O pins for 4513 Group), three input pins.
(Ports P20–P22, P30, P31, D6 and D7 are also used as serial I/O pins SCK, SOUT, SIN, and INT0, INT1,
CNTR0 and CNTR1 pins, respectively).
This section describes each port I/O function, related registers, application example using each port function
and notes.
2.1.1 I/O ports
(1)
Port P0
Port P0 is a 4-bit I/O port.
Port P0 has the key-on wakeup function which turns ON/OFF with register K0 and pull-up transistor
which turns ON/OFF with register PU0.
s Input/output of port P0
q
q
Data input to port P0
Set the output latch of specified port P0i (i=0 to 3) to “1” with the OP0A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P0 is transferred to register A when the IAP0 instruction is executed.
Data output from port P0
The contents of register A is output to port P0 with the OP0A instruction.
The output structure is an N-channel open-drain.
(2)
Port P1
Port P1 is a 4-bit I/O port.
Port P1 has the key-on wakeup function which turns ON/OFF with register K0 and pull-up transistor
which turns ON/OFF with register PU0.
s Input/output of port P1
q
q
Data input to port P1
Set the output latch of specified port P1i (i=0 to 3) to “1” with the OP1A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P1 is transferred to register A when the IAP1 instruction is executed.
Data output from port P1
The contents of register A is output to port P1 with the OP1A instruction.
The output structure is an N-channel open-drain.
(3)
Port P2
Port P2 is a 3-bit input port.
s Input of port P2
q Data input to port P2
The state of port P2 is transferred to register A when the IAP2 instruction is executed. However,
port P2 is 3 bits and A3 is fixed to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com