Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 103Page - Renesas Technology Corp 4513 Datasheet HTML 104Page - Renesas Technology Corp 4513 Datasheet HTML 105Page - Renesas Technology Corp 4513 Datasheet HTML 106Page - Renesas Technology Corp 4513 Datasheet HTML 107Page - Renesas Technology Corp 4513 Datasheet HTML 108Page - Renesas Technology Corp 4513 Datasheet HTML 109Page - Renesas Technology Corp 4513 Datasheet HTML 110Page - Renesas Technology Corp 4513 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 210 page
background image
2-4
APPLICATION
2.1 I/O pins
4513/4514 Group User’s Manual
(7)
Port D
D0–D7 are eight independent I/O ports.
s Input/output of port D
Each pin of port D has an independent 1-bit wide I/O function. For I/O of ports D0–D7, select one
of port D with the register Y of the data pointer first.
q Data input to port D
Set the output latch of specified port Di (i = 0 to 7) to “1” with the SD instruction.
When the output latch is set to “0,” “L” level is input.
When the SZD instruction is executed, if the port specified by register Y is “0,” the next
instruction is skipped. If it is “1,” the next instruction is executed.
q Data output from port D
Set the output level to the output latch with the SD and RD instructions.
The state of pin enters the high-impedance state when the SD instruction is executed.
The states of all port D enter the high-impedance state when the CLD instruction is executed.
The state of pin becomes “L” level when the RD instruction is executed.
The output structure is an N-channel open-drain.
Notes 1: When the SD and RD instructions are used, do not set “10002” or more to register Y.
2: Port D6 is also used as CNTR0, and port D7 is also used as CNTR1. Accordingly, when
using ports D6 and D7 functions, set bit 0 (W60) and bit 2 (W62) of timer control register
W6 to “0.”
2.1.2 Related registers
(1)
Pull-up control register PU0
Register PU0 controls the ON/OFF of the ports P00–P03 and P10–P13 pull-up transistor.
Set the contents of this register through register A with the TPU0A instruction.
The contents of register PU0 is transferred to register A with the TAPU0 instruction.
Table 2.1.1 shows the pull-up control register PU0.
Table 2.1.1 Pull-up control register PU0
Pull-up control register PU0
at reset : 00002
at RAM back-up : state retained
R/W
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Ports P12, P13
pull-up transistor control bit
Ports P10, P11
pull-up transistor control bit
Ports P02, P03
pull-up transistor control bit
Ports P00, P01
pull-up transistor control bit
0
1
0
1
0
1
0
1
PU03
PU02
PU01
PU00
Note: “R” represents read enabled, and “W” represents write enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com