Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 105Page - Renesas Technology Corp 4513 Datasheet HTML 106Page - Renesas Technology Corp 4513 Datasheet HTML 107Page - Renesas Technology Corp 4513 Datasheet HTML 108Page - Renesas Technology Corp 4513 Datasheet HTML 109Page - Renesas Technology Corp 4513 Datasheet HTML 110Page - Renesas Technology Corp 4513 Datasheet HTML 111Page - Renesas Technology Corp 4513 Datasheet HTML 112Page - Renesas Technology Corp 4513 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 210 page
background image
2-6
APPLICATION
2.1 I/O pins
4513/4514 Group User’s Manual
(4)
Direction register FR0 (The 4513 Group does not have this register.)
Register FR0 is used to switch to input/output of P50–P53.
Set the contents of this register through register A with the TFR0A instruction.
Table 2.1.4 shows the direction register FR0.
Table 2.1.4 Direction register FR0
Direction register FR0 (Note 2)
at reset : 00002
at RAM back-up : state retained
W
Port P53 input
Port P53 output
Port P52 input
Port P52 output
Port P51 input
Port P51 output
Port P50 input
Port P50 output
Port P53 input/output control bit
Port P52 input/output control bit
Port P51 input/output control bit
Port P50 input/output control bit
0
1
0
1
0
1
0
1
Notes 1: “W” represents write enabled.
2: The 4513 Group does not have register FR0.
FR03
FR02
FR01
FR00
(5)
Timer control register W6
D6/CNTR0 function selection bit is assigned to bit 0, D7/CNTR1 function selection bit is assigned to
bit 2.
Set the contents of this register through register A with the TW6A instruction.
The contents of register W6 is transferred to register A with the TAW6 instruction.
Table 2.1.5 shows the timer control register W6.
Table 2.1.5 Timer control register W6
Timer control register W6
at reset : 00002
at RAM back-up : state retained
R/W
Timer 3 underflow signal output divided by 2
CNTR1 output control by timer 4 underflow signal divided by 2
D7(I/O)/CNTR1 input
CNTR1 I/O/D7 (input)
Timer 1 underflow signal output divided by 2
CNTR0 output control by timer 2 underflow signal divided by 2
D6 (I/O)/CNTR0 input
CNTR0 I/O/D6 (input)
CNTR1 output control bit
D7/CNTR1 function selection bit
CNTR0 output control bit
D6/CNTR0 function selection bit
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When setting ports, W63 and W61 are not used.
W63
W62
W61
W60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com