Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA827AI Datasheet HTML 3Page - Texas Instruments OPA827AI Datasheet HTML 4Page - Texas Instruments OPA827AI Datasheet HTML 5Page - Texas Instruments OPA827AI Datasheet HTML 6Page - Texas Instruments OPA827AI Datasheet HTML 7Page - Texas Instruments OPA827AI Datasheet HTML 8Page - Texas Instruments OPA827AI Datasheet HTML 9Page - Texas Instruments OPA827AI Datasheet HTML 10Page - Texas Instruments OPA827AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
-I
B
+I
B
V ( V)
S
±
18
6
0
-5
-10
-15
-20
-25
4
8
10
12
14
16
I
OS
V
(V)
CM
20
15
10
5
0
-5
-10
-15
-20
18
-18 -15 -12 -9
-6
-3
0
3
6
9
12
15
Unit1
Unit2
Unit3
SpecifiedCommon-Mode
VoltageRange
Temperature( C)
°
0
-25
-50
25
50
75
+I
B
-I
B
100
150
125
500
450
400
350
300
250
200
150
100
50
0
-50
-75
Time(s)
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
300
0
50
100
150
200
250
10TypicalUnitsShown
Temperature( C)
°
0
-25
-50
25
50
75
100
150
125
6.0
5.5
5.0
4.5
4.0
3.5
-75
V = 18V
±
S
V = 5V
±
S
V (V)
S
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
38
8
13
18
23
28
33
OPA827
www.ti.com ..................................................................................................................................... SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS: VS = ±18V (continued)
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
INPUT BIAS CURRENT AND OFFSET CURRENT
INPUT BIAS CURRENT
vs SUPPLY VOLTAGE
vs COMMON-MODE VOLTAGE
Figure 12.
Figure 13.
NORMALIZED QUIESCENT CURRENT
INPUT BIAS CURRENT vs TEMPERATURE
vs TIME
Figure 14.
Figure 15.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 16.
Figure 17.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com