Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA827AI Datasheet HTML 12Page - Texas Instruments OPA827AI Datasheet HTML 13Page - Texas Instruments OPA827AI Datasheet HTML 14Page - Texas Instruments OPA827AI Datasheet HTML 15Page - Texas Instruments OPA827AI Datasheet HTML 16Page - Texas Instruments OPA827AI Datasheet HTML 17Page - Texas Instruments OPA827AI Datasheet HTML 18Page - Texas Instruments OPA827AI Datasheet HTML 19Page - Texas Instruments OPA827AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TRANSIMPEDANCE AMPLIFIER
f
-3dB =
UGBW
2 R (C
)
F
TOT
p
Hz
(2)
Key Transimpedance Points
R
F
1MW
C
F
(1)
<1pF
+V
S
-V
S
V
=I R
OUT
D
F
C
TOT
I
D
(1)C isoptionaltopreventgainpeaking.
F
(2)C
isthestraycapacitanceofR
STRAY
F
(typically,2pFforasurface-mountresistor).
C
STRAY
(2)
NOTES:
OPA827
C
F
1
4 R UGBW
F
p
(
)
(8 C
TOTR UGBW
F
p
(
)
1+ 1+
(1)
IN-
IN+
OUT
V+
V-
OPA827
SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008 ..................................................................................................................................... www.ti.com
Bandwidth (f–3dB) calculated by Equation 2:
The gain bandwidth, low voltage noise, and current
noise of the OPA827 series make them ideal wide
bandwidth
transimpedance
amplifiers
in
a
These equations result in maximum transimpedance
photo-conductive application. High transimpedance
bandwidth.
For
additional
information,
refer
to
gains with feedback resistors greater than 100k
Ω
Application
Bulletin
SBOA055,
Compensate
benefit from the low input current noise (2.2fA/Hz) of
Transimpedance Amplifiers Intuitively, available for
the JFET input. Low voltage noise is important
download at www.ti.com.
because photodiode capacitance causes the effective
noise
gain
in
the
circuit
to
increase
at
high
frequencies. Total input capacitance of the circuit
limits the overall gain bandwidth of the amplifier and
is addressed below. Figure 46 shows a photodiode
transimpedance application.
• The total input capacitance (C
TOT) consists of the
photodiode junction capacitance, and both the
common-mode and differential input capacitance
of the operational amplifier.
• The desired transimpedance gain, V
OUT = IDRF.
• The Unity Gain Bandwidth Product (UGBW)
(22MHz for the OPA827).
With these three variables set, the feedback capacitor
value (CF) can be calculated to ensure stability.
CSTRAY is the parasitic capacitance of the PCB and
passive components, which is approximately 0.5pF.
To ensure 45° phase margin, the minimal amount of
feedback
capacitance
can
be
calculated
using
Figure 46. Transimpedance Amplifier
Equation 1:
Figure 47. Equivalent Schematic (Single Channel)
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com