Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 2 Page - Texas Instruments

  OPA827AI Datasheet HTML 1Page - Texas Instruments OPA827AI Datasheet HTML 2Page - Texas Instruments OPA827AI Datasheet HTML 3Page - Texas Instruments OPA827AI Datasheet HTML 4Page - Texas Instruments OPA827AI Datasheet HTML 5Page - Texas Instruments OPA827AI Datasheet HTML 6Page - Texas Instruments OPA827AI Datasheet HTML 7Page - Texas Instruments OPA827AI Datasheet HTML 8Page - Texas Instruments OPA827AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
OPA827
SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008 ..................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
Standard Grade
OPA827AI
SO-8
D
OPA827A
OPA827AI(2)
MSOP-8
DGK
NSP
High Grade
SO-8
D
OPA827
OPA827I(2)
MSOP-8
DGK
NSP
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Shaded cells indicate product preview devices.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
VALUE
UNIT
Supply Voltage
VS = (V+) – (V–)
40
V
Input Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Input Current(2)
±10
mA
Differential Input Voltage
±VS
V
Output Short-Circuit(3)
Continuous
Operating Temperature
TA
–55 to +150
°C
Storage Temperature
TA
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current-limited to 10mA or less.
(3)
Short-circuit to VS/2 (ground in symmetrical dual-supply setups).
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com