Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA827AI Datasheet HTML 14Page - Texas Instruments OPA827AI Datasheet HTML 15Page - Texas Instruments OPA827AI Datasheet HTML 16Page - Texas Instruments OPA827AI Datasheet HTML 17Page - Texas Instruments OPA827AI Datasheet HTML 18Page - Texas Instruments OPA827AI Datasheet HTML 19Page - Texas Instruments OPA827AI Datasheet HTML 20Page - Texas Instruments OPA827AI Datasheet HTML 21Page - Texas Instruments OPA827AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
OPA827 USED AS AN I/V CONVERTER
V
OUT =
-V
CODE
REF
´
65536
(3)
DAC8811
C
2
C
1
V
DD
R
FB
I
OUT
GND
V
REF
+10V
V
OUT
-10V
V
+10V
OUT
£
£
10kW
10kW
5kW
OPA827
OPA827
OPA827
SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008 ..................................................................................................................................... www.ti.com
The DAC output impedance as seen looking into the
IOUT terminal changes versus code. The low offset
The OPA827 series of operation amplifiers have low
voltage
of
the
OPA827
minimizes
the
error
current noise and offset voltage that make these
propagated from the DAC.
devices a great choice for an I/V converter. The
DAC8811 is a single channel, current output, 16-bit
For a current-to-voltage design (see Figure 49), the
digital-to-analog converter (DAC). The IOUT terminal
DAC8811 IOUT pin and the inverting node of the
of the DAC is held at a virtual GND potential by the
OPA827 should be as short as possible and adhere
use of the OPA827 as an external I/V converter op
to good PCB layout design. For each code change on
amp. The R-2R ladder is connected to an external
the output of the DAC, there is a step function. If the
reference input (VREF) that determines the DAC
parasitic capacitance is excessive at the inverting
full-scale current. The external reference voltage can
node, then gain peaking is possible. For circuit
vary in a range of –15V to +15V, thus providing
stability, two compensation capacitors, C1 and C2(4pF
bipolar IOUT current operation. By using the OPA827
to 20pF typical) can be added to the design.
as an external I/V converter in conjunction with the
Some
applications
require
full
four-quadrant
internal DAC8811 RFB resistor, output voltage ranges
multiplying capabilities or a bipolar output swing. As
of –VREF to +VREF can be generated.
shown in Figure 49, the OPA827 is added as a
When using an external I/V converter and the
summing amp and has a gain of 2x that widens the
DAC8811 RFB resistor, the DAC output voltage is
output span to 20V. A four-quadrant multiplying circuit
given by Equation 3.
is implemented by using a 10V offset of the reference
voltage to bias the OPA827.
NOTE: CODE is the digital input into the DAC.
Figure 49. I/V Converter
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com