Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA827AI Datasheet HTML 13Page - Texas Instruments OPA827AI Datasheet HTML 14Page - Texas Instruments OPA827AI Datasheet HTML 15Page - Texas Instruments OPA827AI Datasheet HTML 16Page - Texas Instruments OPA827AI Datasheet HTML 17Page - Texas Instruments OPA827AI Datasheet HTML 18Page - Texas Instruments OPA827AI Datasheet HTML 19Page - Texas Instruments OPA827AI Datasheet HTML 20Page - Texas Instruments OPA827AI Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PHASE-LOCK LOOP
Low-PassFilter
Scaling
Amplifier
PhaseDector
InputSignal
OPA827
OPA211
Current
Source
Divider
LevelAdjustmentand
BufferAmplifier
OutputSignal
Current
Source
OffsetVoltageGenerator
(FrequencyAdjustment)
VCO
1/N
OPA827
www.ti.com ..................................................................................................................................... SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008
An operational amplifier with inherently low voltage
offset helps reduce this source of error. Also, any
The OPA827 is well-suited for phase-lock loop (PLL)
noise
produced
by
the
operational
amplifiers
applications because of the low voltage offset, low
modulates the voltage applied to the VCO and limits
noise, and wide gain bandwidth. Figure 48 illustrates
the spectral purity of the oscillator output. The VCO
an example of the OPA827 in this application. The
generates noise-related, random phase variations of
first amplifier (OPA827) provides the loop low-pass,
its own, but this characteristic becomes worse when
active filter function, while the second amplifier
the input voltage source noise is included. This noise
(OPA211) serves as a scaling amplifier. This second
appears as random sideband energy that can limit
stage amplifies the dc error voltage to the appropriate
system performance. The very low flicker noise (1/f)
level before it is applied to the voltage-controlled
and current noise (In) of the OPA827 help to
oscillator (VCO).
minimize the operational amplifier contribution to the
phase noise.
Operational amplifiers used in PLL applications are
often required to have low voltage offset. As with
other dc levels generated in the loop, a voltage offset
applied to the VCO is interpreted as a phase error.
Figure 48. PLL Application
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com