Electronic Components Datasheet Search
  English  ▼

X  

OPA827AI Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA827AI
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AI Datasheet(HTML) 3 Page - Texas Instruments

  OPA827AI Datasheet HTML 1Page - Texas Instruments OPA827AI Datasheet HTML 2Page - Texas Instruments OPA827AI Datasheet HTML 3Page - Texas Instruments OPA827AI Datasheet HTML 4Page - Texas Instruments OPA827AI Datasheet HTML 5Page - Texas Instruments OPA827AI Datasheet HTML 6Page - Texas Instruments OPA827AI Datasheet HTML 7Page - Texas Instruments OPA827AI Datasheet HTML 8Page - Texas Instruments OPA827AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±4V to ±18V
OPA827
www.ti.com ..................................................................................................................................... SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
STANDARD GRADE
HIGH GRADE
OPA827AI
OPA827I(1)(2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±15V, VCM = 0V
75
150
50
75
µV
Drift
dVOS/dT
1.5
1.5
µV/°C
vs Power Supply
PSRR
0.2
1
0.2
1
µV/V
Over Temperature
3
3
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±15
±50
±15
±50
pA
–40°C to +85°C
±5
±5
nA
Over Temperature
–40°C to +125°C
±50
±50
nA
Input Offset Current
IOS
±10
±50
±10
±50
pA
NOISE
Input Voltage Noise:
f = 0.1Hz to 10Hz
en
VS = ±18V, VCM = 0V
250
250
nVPP
Input Voltage Noise Density:
f = 1kHz
en
VS = ±18V, VCM = 0V
4
4
nV/
√Hz
f = 10kHz
en
VS = ±18V, VCM = 0V
3.8
3.8
nV/
√Hz
Input Current Noise Density:
f = 1kHz
in
VS = ±18V, VCM = 0V
2.2
2.2
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage
VCM
(V–)+3
(V+)–3
(V–)+3
(V+)–3
V
Range
Common-Mode Rejection
CMRR
(V
−)+3V ≤ VCM ≤ (V+)−3V, VS < 10V
104
114
114
120
dB
Ratio
(V
−)+3V ≤ VCM ≤ (V+)−3V, VS ≥ 10V
114
126
120
126
dB
Over Temperature
(V
−)+3V ≤ VCM ≤ (V+)−3V, VS < 10V
100
100
dB
(V
−)+3V ≤ VCM ≤ (V+)−3V, VS ≥ 10V
110
110
dB
INPUT IMPEDANCE
Differential
Ω
pF
1013
9
1013
9
Common-Mode
Ω
pF
1013
9
1013
9
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–)+3V
≤ VO ≤ (V+)–3V, RL = 1kΩ
120
126
120
126
dB
Over Temperature
(V–)+3V
≤ VO ≤ (V+)–3V, RL = 1kΩ
114
114
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = +1
22
22
MHz
Slew Rate
SR
G = –1
28
28
V/
µs
Settling Time, ±0.01%
tS
10V Step, G = –1, CL = 100pF
550
550
ns
0.00075% (16-bit)
10V Step, G = –1, CL = 100pF
850
850
ns
Overload Recovery Time
Gain = –10
150
150
ns
Total Harmonic Distortion +
Noise
THD+N
G = +1, f = 1kHz
0.00004
0.00004
%
VO = 3VRMS, RL = 600Ω
–128
–128
dB
(1)
Shaded cells indicate different specifications from standard grade version of device.
(2)
High-grade specifications are preview only.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com