Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
SERIES RESISTANCE CANCELLATION
DIFFERENTIAL INPUT CAPACITANCE
TEMPERATURE MEASUREMENT DATA
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
from low to high. The change in measurement range
and data format from standard binary to extended
Series resistance in an application circuit that typically
binary occurs at the next temperature conversion. For
results
from
printed
circuit
board
(PCB)
trace
data captured in the extended temperature range
resistance and remote line length is automatically
configuration, an offset of 64 (40h) is added to the
cancelled by the TMP421/22/23, preventing what
standard binary value, as shown in the Extended
would otherwise result in a temperature offset. A total
Binary column of Table 1. This configuration allows
of up to 3k
Ω of series line resistance is cancelled by
measurement of temperatures as low as –64
°C, and
the TMP421/22/23, eliminating the need for additional
as
high
as
+191
°C;
however,
most
characterization and temperature offset correction.
temperature-sensing diodes only measure with the
See the two Remote Temperature Error vs Series
range
of
–55
°C to +150°C. Additionally, the
Resistance typical characteristic curves (Figure 4 and
TMP421/22/23
are
rated
only
for
ambient
Figure 5) for details on the effects of series resistance
temperatures
ranging
from
–40
°C to +125°C.
and
power-supply
voltage
on
sensed
remote
Parameters in the Absolute Maximum Ratings table
temperature error.
must be observed.
Table 1. Temperature Data Format (Local and
Remote Temperature High Bytes)
The
TMP421/22/23
tolerate
differential
input
capacitance of up to 1000pF with minimal change in
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1
°C RESOLUTION)
temperature error. The effect of capacitance on
STANDARD BINARY(1)
EXTENDED BINARY(2)
sensed remote temperature error is illustrated in
TEMP
Figure 6, Remote Temperature Error vs Differential
(
°C)
BINARY
HEX
BINARY
HEX
Capacitance.
–64
1100 0000
C0
0000 0000
00
–50
1100 1110
CE
0000 1110
0E
–25
1110 0111
E7
0010 0111
27
0
0000 0000
00
0100 0000
40
Temperature measurement data may be taken over
1
0000 0001
01
0100 0001
41
an operating range of –40
°C to +127°C for both local
and remote locations.
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
However, measurements from –55
°C to +150°C can
25
0001 1001
19
0101 1001
59
be made both locally and remotely by reconfiguring
50
0011 0010
32
0111 0010
72
the TMP421/22/23 for the extended temperature
75
0100 1011
4B
1000 1011
8B
range, as described below.
100
0110 0100
64
1010 0100
A4
Temperature data that result from conversions within
125
0111 1101
7D
1011 1101
BD
the default measurement range are represented in
127
0111 1111
7F
1011 1111
BF
binary form, as shown in Table 1, Standard Binary
150
0111 1111
7F
1101 0110
D6
column. Note that although the device is rated to only
175
0111 1111
7F
1110 1111
EF
measure temperatures down to –55
°C, it may read
temperatures
below
this
level.
However,
any
191
0111 1111
7F
1111 1111
FF
temperature below –64
°C results in a data value of
–64 (C0h). Likewise, temperatures above +127
°C
(1)
Resolution is 1
°C/count. Negative numbers are represented in
result in a value of 127 (7Fh). The device can be set
two's complement format.
to measure over an extended temperature range by
(2)
Resolution is 1
°C/count. All values are unsigned with a –64°C
changing bit 2 (RANGE) of Configuration Register 1
offset.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com