Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments TMP421 Datasheet HTML 21Page - Texas Instruments TMP421 Datasheet HTML 22Page - Texas Instruments TMP421 Datasheet HTML 23Page - Texas Instruments TMP421 Datasheet HTML 24Page - Texas Instruments TMP421 Datasheet HTML 25Page - Texas Instruments TMP421 Datasheet HTML 26Page - Texas Instruments TMP421 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
www.ti.com
T
ERR
+
1.004 * 1.008
1.008
273.15 ) 100°C
T
ERR
+ 1.48°C
(5)
LAYOUT CONSIDERATIONS
MEASUREMENT ACCURACY AND THERMAL
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
For n = 1.004 and T(
°C) = 100°C:
power dissipated as a result of exciting the remote
temperature sensor is negligible because of the small
currents used. For a 5.5V supply and maximum
conversion rate of eight conversions per second, the
TMP421/22/23 dissipate 2.3mW (PDIQ = 5.5V ×
415
µA). A θ
JA
of 100
°C/W causes the junction
temperature to rise approximately +0.23
°C above the
If a discrete transistor is used as the remote
ambient.
temperature sensor with the TMP421/22/23, the best
accuracy can be achieved by selecting the transistor
according to the following criteria:
Remote temperature sensing on the TMP421/22/23
1. Base-emitter voltage > 0.25V at 6
µA, at the
measures
very
small
voltages
using
very
low
highest sensed temperature.
currents; therefore, noise at the IC inputs must be
2. Base-emitter voltage < 0.95V at 120
µA, at the
minimized.
Most
applications
using
the
lowest sensed temperature.
TMP421/22/23 will have high digital content, with
3. Base resistance < 100
Ω.
several clocks and logic level transitions creating a
4. Tight control of VBE characteristics indicated by
noisy environment. Layout should adhere to the
small variations in hFE (that is, 50 to 150).
following guidelines:
1. Place the TMP421/22/23 as close to the remote
Based
on
these
criteria,
two
recommended
junction sensor as possible.
small-signal transistors are the 2N3904 (NPN) or
2N3906 (PNP).
2. Route the DXP and DXN traces next to each
other and shield them from adjacent signals
through the use of ground guard traces; see
CONSIDERATIONS
Figure 20. If a multilayer PCB is used, bury these
traces between ground or VDD planes to shield
The temperature measurement accuracy of the
them
from
extrinsic
noise
sources.
5
mil
TMP421/22/23 depends on the remote and/or local
(0.127mm) PCB traces are recommended.
temperature sensor being at the same temperature
3. Minimize
additional
thermocouple
junctions
as the system point being monitored. Clearly, if the
caused by copper-to-solder connections. If these
temperature sensor is not in good thermal contact
junctions are used, make the same number and
with the part of the system being monitored, then
approximate
locations
of
copper-to-solder
there will be a delay in the response of the sensor to
connections
in
both
the
DXP
and
DXN
a temperature change in the system. For remote
connections to cancel any thermocouple effects.
temperature-sensing applications using a substrate
transistor (or a small, SOT23 transistor) placed close
4. Use a 0.1
µF local bypass capacitor directly
to the device being monitored, this delay is usually
between the V+ and GND of the TMP421/22/23;
not a concern.
see
Figure
21.
Minimize
filter
capacitance
between DXP and DXN to 1000pF or less for
The
local
temperature
sensor
inside
the
optimum
measurement
performance.
This
TMP421/22/23 monitors the ambient air around the
capacitance
includes
any
cable
capacitance
device.
The
thermal
time
constant
for
the
between the remote temperature sensor and the
TMP421/22/23 is approximately two seconds. This
TMP421/22/23.
constant implies that if the ambient air changes
5. If
the
connection
between
the
remote
quickly by 100
°C, it would take the TMP421/22/23
temperature sensor and the TMP421/22/23 is
about
10
seconds
(that
is,
five
thermal
time
less than 8 in (20.32 cm) long, use a twisted-wire
constants) to settle to within 1
°C of the final value. In
pair connection. Beyond 8 in, use a twisted,
most applications, the TMP421/22/23 package is in
shielded pair with the shield grounded as close to
electrical, and therefore thermal, contact with the
the TMP421/22/23 as possible. Leave the remote
printed circuit board (PCB), as well as subjected to
sensor connection end of the shield wire open to
forced
airflow.
The
accuracy
of
the
measured
avoid ground loops and 60Hz pickup.
temperature directly depends on how accurately the
PCB and forced airflow temperatures represent the
6. Thoroughly clean and remove all flux residue in
temperature that the TMP421/22/23 is measuring.
and around the pins of the TMP421/22/23 to
Additionally, the internal power dissipation of the
avoid temperature offset readings as a result of
TMP421/22/23 can cause the temperature to rise
leakage paths between DXP or DXN and GND,
above the ambient or PCB temperature. The internal
or between DXP or DXN and V+.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com