Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments TMP421 Datasheet HTML 21Page - Texas Instruments TMP421 Datasheet HTML 22Page - Texas Instruments TMP421 Datasheet HTML 23Page - Texas Instruments TMP421 Datasheet HTML 24Page - Texas Instruments TMP421 Datasheet HTML 25Page - Texas Instruments TMP421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.ti.com
SHUTDOWN MODE (SD)
SENSOR FAULT
REMOTE SENSING
UNDERVOLTAGE LOCKOUT
T
ERR
+
n * 1.008
1.008
273.15 ) T °C
(4)
FILTERING
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
DX4 (TMP422), to minimize the effects of noise.
However, a bypass capacitor placed differentially
The TMP421/22/23 Shutdown Mode allows the user
across the inputs of the remote temperature sensor is
to save maximum power by shutting down all device
recommended to make the application more robust
circuitry other than the serial interface, reducing
against unwanted coupled signals. The value of this
current consumption to typically less than 3
µA; see
capacitor should be between 100pF and 1nF. Some
Figure 10, Shutdown Quiescent Current vs Supply
applications
attain
better
overall
accuracy
with
Voltage. Shutdown Mode is enabled when the SD bit
additional series resistance; however, this increased
(bit 6) of Configuration Register 1 is high; the device
accuracy
is
application-specific.
When
series
shuts down once the current conversion is completed.
resistance is added, the total value should not be
When SD is low, the device maintains a continuous
greater than 3k
Ω. If filtering is needed, suggested
conversion state.
component values are 100pF and 50
Ω on each input;
exact values are application-specific.
The TMP421 can sense a fault at the DXP input
resulting
from
incorrect
diode
connection.
The
The TMP421/22/23 are designed to be used with
TMP421/22/23
can
all
sense
an
open
circuit.
either discrete transistors or substrate transistors built
Short-circuit conditions return a value of –64
°C. The
into processor chips and ASICs. Either NPN or PNP
detection circuitry consists of a voltage comparator
transistors can be used, as long as the base-emitter
that
trips
when
the
voltage
at
DXP
exceeds
junction is used as the remote temperature sense.
(V+) – 0.6V (typical). The comparator output is
NPN transistors must be diode-connected. PNP
continuously checked during a conversion. If a fault is
transistors
can
either
be
transistor-
or
detected, the OPEN bit (bit 0) in the temperature
diode-connected (see Figure 11, Figure 12, and
result register is set to '1' and the rest of the register
Figure 13).
bits should be ignored.
Errors in remote temperature sensor readings are
When not using the remote sensor with the TMP421,
typically the consequence of the ideality factor and
the DXP and DXN inputs must be connected together
current excitation used by the TMP421/22/23 versus
to prevent meaningless fault warnings. When not
the manufacturer-specified operating current for a
using a remote sensor with the TMP422, the DX pins
given transistor. Some manufacturers specify a
should be connected (refer to Table 10) such that
high-level
and
low-level
current
for
the
DXP connections are grounded and DXN connections
temperature-sensing
substrate
transistors.
The
are left open (unconnected). Unused TMP423 DXP
TMP421/22/23 use 6
µA for I
LOW and 120µA for IHIGH.
pins can be left open or connected to GND.
The ideality factor (n) is a measured characteristic of
a remote temperature sensor diode as compared to
an ideal diode. The TMP421/22/23 allow for different
The TMP421/22/23 sense when the power-supply
n-factor values; see the N-Factor Correction Register
voltage has reached a minimum voltage level for the
section.
ADC to function. The detection circuitry consists of a
The ideality factor for the TMP421/22/23 is trimmed
voltage comparator that enables the ADC after the
to be 1.008. For transistors that have an ideality
power supply (V+) exceeds 2.45V (typical). The
factor that does not match the TMP421/22/23,
comparator output is continuously checked during a
Equation 4 can be used to calculate the temperature
conversion. The TMP421/22/23 do not perform a
error. Note that for the equation to be used correctly,
temperature conversion if the power supply is not
actual temperature (
°C) must be converted to kelvins
valid. The PVLD bit (bit 1, see Table 3) of the
(K).
individual Local/Remote Temperature Register is set
to '1' and the temperature result may be incorrect.
Where:
Remote junction temperature sensors are usually
n = ideality factor of remote temperature sensor
implemented in a noisy environment. Noise is most
T(
°C) = actual temperature
often created by fast digital signals, and it can corrupt
measurements. The TMP421/22/23 have a built-in
TERR = error in TMP421/22/23 because n ≠ 1.008
65kHz filter
on
the
inputs
of
DXP
and
DXN
Degree delta is the same for
°C and K
(TMP421/TMP423), or on the inputs of DX1 through
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com