Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments TMP421 Datasheet HTML 21Page - Texas Instruments TMP421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.ti.com
READ/WRITE OPERATIONS
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
The TMP422 checks the polarity of the external
transistor at power-on, or after software reset, by
Accessing a particular register on the TMP421/22/23
forcing current to pin 1 while connecting pin 2 to
is accomplished by writing the appropriate value to
approximately 0.6V. If the voltage on pin 1 does not
the Pointer Register. The value for the Pointer
pull up to near the V+ of the TMP422, pin 1 functions
Register is the first byte transferred after the slave
as DXP for channel 1, and the second LSB of the
address byte with the R/W bit low. Every write
slave address is '0'. If the voltage on pin 1 does pull
operation to the TMP421/22/23 requires a value for
up to near V+, the TMP422 forces current to pin 2
the Pointer Register (see Figure 17).
while connecting pin 1 to 0.6V. If the voltage on pin 2
does not pull up to near V+, the TMP422 uses pin 2
When reading from the TMP421/22/23, the last value
for DXP of channel 1, and sets the second LSB of the
stored in the Pointer Register by a write operation is
slave address to '1'. If both pins are shorted to GND
used to determine which register is read by a read
or if both pins are open, the TMP422 uses pin 1 as
operation. To change which register is read for a read
DXP and sets the address bit to '0'. This process is
operation, a new value must be written to the Pointer
then repeated for channel 2 (pins 3 and 4).
Register. This transaction is accomplished by issuing
a slave address byte with the R/W bit low, followed
If the TMP422 is to be used with transistors that are
by the Pointer Register byte; no additional data are
located on another IC (such as a CPU, DSP, or
required. The master can then generate a START
graphics processor), it is recommended to use pin 1
condition and send the slave address byte with the
or pin 3 as DXP to ensure correct address detection.
R/W bit high to initiate the read command. See
If the other IC has a lower supply voltage or is not
Figure 19 for details of this sequence. If repeated
powered when the TMP422 tries to detect the slave
reads from the same register are desired, it is not
address, a protection diode may turn on during the
necessary to continually send the Pointer Register
detection process and the TMP422 may incorrectly
bytes, because the TMP421/22/23 retain the Pointer
choose
the
DXP
pin
and
corresponding
slave
Register value until it is changed by the next write
address. Using pin 1 and/or pin 3 for transistors that
operation. Note that register bytes are sent MSB first,
are
on
other
ICs
ensures
correct
operation
followed by the LSB.
independent of supply sequencing or levels.
Read operations should be terminated by issuing a
The TMP423 has a factory-preset slave address. The
Not-Acknowledge command at the end of the last
TMP423A slave address is 1001100b, and the
byte to be read. For a single-byte operation, the
TMP423B
slave
address
is
1001101b.
The
master should leave the SDA line high during the
configuration of the DXP and DXN channels are
Acknowledge time of the first byte that is read from
independent of the address. Unused DXP channels
the slave. For a two-byte read operation, the master
can be left open or tied to GND.
must pull SDA low during the Acknowledge time of
the first byte read, and should leave SDA high during
the Acknowledge time of the second byte read from
the slave.
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com