Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 6Page - SMSC Corporation USB2244 Datasheet HTML 7Page - SMSC Corporation USB2244 Datasheet HTML 8Page - SMSC Corporation USB2244 Datasheet HTML 9Page - SMSC Corporation USB2244 Datasheet HTML 10Page - SMSC Corporation USB2244 Datasheet HTML 11Page - SMSC Corporation USB2244 Datasheet HTML 12Page - SMSC Corporation USB2244 Datasheet HTML 13Page - SMSC Corporation USB2244 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
Revision 1.0 (05-27-08)
10
SMSC USB2244/USB2244i
DATASHEET
Chapter 5 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “n” is not present before the signal name, the signal is asserted at the
high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
5.1
Pin Descriptions
Table 5.2 USB2244/2244i 36-Pin QFN Pin Descriptions
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION
SECURE DIGITAL INTERFACE
SD Data
SD_D[7:0]
7
8
10
20
23
25
4
5
I/O12PU
The bi-directional signals should have weak
pull-up resistors. The register can be
controlled by: SD_MMC_INTF_EN bit of
SDC_MODE_CTL
SD Clock
SD_CLK
9
O12
This is an output clock signal to SD/MMC
device.
The clock frequency is software configurable.
SD Command
SD_CMD
11
I/O12PU
This is a bi-directional signal that connects to
the CMD signal of SD/MMC device. The bi-
directional signal should have an internal weak
pull-up resistor.
The pull-up register can be controlled by:
SD_MMC_INTF_EN bit of SDC_MODE CTL
SD Write Protect
SD_nWP
30
I/O12
This pin is designated as the Secure Digital
card mechanical write detect pin.
SD Card Detect
GPIO
GPIO15
(SD_nCD)
26
I/O12
This is a GPIO designated as the Secure
Digital card detection pin.
USB INTERFACE
USB Bus Data
USB+
USB-
2
3
I/O-U
These pins connect to the USB bus data
signals.
USB Transceiver
Bias
RBIAS
35
I-R
A 12.0k , 1.0% resistor is attached from VSSA
to this pin in order to set the transceiver's
internal bias currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com