Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 8Page - SMSC Corporation USB2244 Datasheet HTML 9Page - SMSC Corporation USB2244 Datasheet HTML 10Page - SMSC Corporation USB2244 Datasheet HTML 11Page - SMSC Corporation USB2244 Datasheet HTML 12Page - SMSC Corporation USB2244 Datasheet HTML 13Page - SMSC Corporation USB2244 Datasheet HTML 14Page - SMSC Corporation USB2244 Datasheet HTML 15Page - SMSC Corporation USB2244 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
Revision 1.0 (05-27-08)
12
SMSC USB2244/USB2244i
DATASHEET
5.2
Buffer Type Descriptions
TEST Input
TEST
28
I
This signal is used for testing the chip. User
should normally tie this pin low externally if the
test function is not used.
No Connects
NC
No Connect. No trace or signal should be
routed/attached to these pins.
DIGITAL / POWER
+1.8V Core
power
VDD18
13
All VDD18 pins must be connected together on
the circuit board.
+1.8V core power. This pin must have a 1.0
μF
(or greater) ±20% (ESR <0.1
Ω) capacitor to
VSS.
3.3V Power &
Regulator Input.
VDD33
6
14
22
3.3V Power & Regulator Input.
Ground
VSS
SLUG
Ground Reference
Table 5.3 USB2244/USB2244i Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IS
Input with Schmitt trigger.
I/O12
Input/Output buffer with 12mA sink and 12mA source.
I/O200
Input/Output buffer 12mA with FET disabled, 100/200mA source only when the FET is
enabled.
I/O12PU
Input/Output buffer with 12mA sink and 12mA source with a pull-up resistor.
O12
Output buffer with 12mA source.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I/O-U
Analog Input/Output Defined in USB specification.
I-R
RBIAS.
Table 5.2 USB2244/2244i 36-Pin QFN Pin Descriptions (continued)
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com