Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 11Page - SMSC Corporation USB2244 Datasheet HTML 12Page - SMSC Corporation USB2244 Datasheet HTML 13Page - SMSC Corporation USB2244 Datasheet HTML 14Page - SMSC Corporation USB2244 Datasheet HTML 15Page - SMSC Corporation USB2244 Datasheet HTML 16Page - SMSC Corporation USB2244 Datasheet HTML 17Page - SMSC Corporation USB2244 Datasheet HTML 18Page - SMSC Corporation USB2244 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
SMSC USB2244/USB2244i
15
Revision 1.0 (05-27-08)
DATASHEET
Chapter 7 DC Parameters
7.1
Maximum Guaranteed Ratings
Note 7.1
Stresses above the specified parameters may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at any condition above
those indicated in the operation sections of this specification is not implied.
Note 7.2
When powering this device from laboratory or system power supplies, it is important that
the Absolute Maximum Ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage transients on the AC power line may appear on the DC output. When
this possibility exists, it is suggested that a clamp circuit be used.
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
325
°C
Soldering < 10 seconds
3.3V supply
voltage
VDD33,
VDDA33
-0.5
4.0
V
Voltage on
USB+ and
USB- pins
-0.5
(3.3V supply voltage + 2)
≤ 6V
Voltage on
GPIO10
-0.5
VDD33 + 0.3
V
When internal power FET
operation of this pin is enabled,
this pin may be simultaneously
shorted to ground or any
voltage up to 3.63V indefinitely,
without damage to the device
as long as VDD33 and VDDA33
are less than 3.63V and TA is
less than 70oC.
Voltage on any
signal pin
-0.5
VDD33 + 0.3
V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
VDD18 + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com