Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 14Page - SMSC Corporation USB2244 Datasheet HTML 15Page - SMSC Corporation USB2244 Datasheet HTML 16Page - SMSC Corporation USB2244 Datasheet HTML 17Page - SMSC Corporation USB2244 Datasheet HTML 18Page - SMSC Corporation USB2244 Datasheet HTML 19Page - SMSC Corporation USB2244 Datasheet HTML 20Page - SMSC Corporation USB2244 Datasheet HTML 21Page - SMSC Corporation USB2244 Datasheet HTML 22Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
SMSC USB2244/USB2244i
19
Revision 1.0 (05-27-08)
DATASHEET
the settings listed in Table 10.1, “USB2244/USB2244i GPIO Usage (ROM Rev 0x00),” on
page 22.
Note 7.9
The 3.3V supply should be at least at 75% of its operating condition before the 1.8V supply
is allowed to ramp up.
7.4
Capacitance
TA = 25°C; fc = 1MHz; VDD, VDDP = 1.8V
Table 7.1 Pin Capacitance
PARAMETER
SYMBOL
LIMITS
UNIT
TEST CONDITION
MIN
TYP
MAX
Clock Input Capacitance
CXTAL
2
pF
All pins (except USB pins
and pins under test) are tied
to AC ground.
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com