Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 14Page - SMSC Corporation USB2244 Datasheet HTML 15Page - SMSC Corporation USB2244 Datasheet HTML 16Page - SMSC Corporation USB2244 Datasheet HTML 17Page - SMSC Corporation USB2244 Datasheet HTML 18Page - SMSC Corporation USB2244 Datasheet HTML 19Page - SMSC Corporation USB2244 Datasheet HTML 20Page - SMSC Corporation USB2244 Datasheet HTML 21Page - SMSC Corporation USB2244 Datasheet HTML 22Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
Revision 1.0 (05-27-08)
18
SMSC USB2244/USB2244i
DATASHEET
Note 7.4
Output leakage is measured with the current pins in high impedance.
Note 7.5
See The USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 7.6
RBIAS is a 3.3V tolerant analog pin.
Note 7.7
Output current range is controlled by program software, software disables FET during short
circuit condition.
Note 7.8
The assignment of each Integrated Card Power FET to a designated Card Connector is
controlled by both firmware and the specific board implementation. Firmware will default to
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 12mA @
VDD33= 3.3V
IOH = -12mA @
VDD33= 3.3V
VIN = 0 to VDD33
(Note 7.4)
IO-U
(Note 7.5)
I-R
(Note 7.6)
I/O200
Integrated Power FET for
GPIO10
High Output Current Mode
Low Output Current Mode
(Note 7.7)
On Resistance
(Note 7.7)
Output Voltage Rise Time
IOUT
IOUT
RDSON
tDSON
200
100
2.1
800
mA
mA
Ω
μs
VdropFET = 0.46V
VdropFET = 0.23V
IFET = 70mA
CLOAD = 10μF
Supply Current Unconfigured
ICCINIT
80
90
mA
Supply Current Active
Full Speed
High Speed
ICC
ICC
110
135
140
165
mA
mA
Supply Current Suspend
ICSBY
350
700
µA
Industrial Temperature Suspend
ICSBYI
350
900
µA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com