Electronic Components Datasheet Search
  English  ▼

X  

USB2244 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2244
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2244 Datasheet HTML 12Page - SMSC Corporation USB2244 Datasheet HTML 13Page - SMSC Corporation USB2244 Datasheet HTML 14Page - SMSC Corporation USB2244 Datasheet HTML 15Page - SMSC Corporation USB2244 Datasheet HTML 16Page - SMSC Corporation USB2244 Datasheet HTML 17Page - SMSC Corporation USB2244 Datasheet HTML 18Page - SMSC Corporation USB2244 Datasheet HTML 19Page - SMSC Corporation USB2244 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
Revision 1.0 (05-27-08)
16
SMSC USB2244/USB2244i
DATASHEET
Figure 7.1 Supply Rise Time Model
7.2
Recommended Operating Conditions
Note 7.3
A 3.3V regulator with an output tolerance of 1% must be used if the output of the internal
power FET’s must support a 5% tolerance.
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Operating
Temperature
Commercial Part
Industrial Part
TA
TA
0
-40
70
85
°C
°C
3.3V supply voltage
VDD33,
VDDA33
3.0
3.6
V
(Note 7.3)
3.3V supply rise time
tRT
0
400
μs
Voltage on
USB+ and USB- pins
-0.3
5.5
V
If any 3.3V supply voltage drops
below 3.0V, then the MAX
becomes:
(3.3V supply voltage) + 0.5
≤ 5.5
Voltage on any signal
pin
-0.3
VDD33
V
Voltage on XTAL1
-0.3
VDDA33
V
Voltage on XTAL2
-0.3
VDD18
V
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com