Electronic Components Datasheet Search
  English  ▼

X  

AD1937WBSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD1937WBSTZ
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1937WBSTZ Datasheet HTML 4Page - Analog Devices AD1937WBSTZ Datasheet HTML 5Page - Analog Devices AD1937WBSTZ Datasheet HTML 6Page - Analog Devices AD1937WBSTZ Datasheet HTML 7Page - Analog Devices AD1937WBSTZ Datasheet HTML 8Page - Analog Devices AD1937WBSTZ Datasheet HTML 9Page - Analog Devices AD1937WBSTZ Datasheet HTML 10Page - Analog Devices AD1937WBSTZ Datasheet HTML 11Page - Analog Devices AD1937WBSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD1937
Rev. 0 | Page 8 of 36
TIMING SPECIFICATIONS
−40°C < TA < +130°C, DVDD = 3.3 V ± 10%.
Table 8.
Parameter
Condition
Comments
Min
Max
Unit
INPUT MASTER CLOCK (MCLK) AND RESET
tMH
MCLK duty cycle
DAC/ADC clock source = PLL clock
@ 256 fS, 384 fS, 512 fS, and 768 fS
40
60
%
tMH
DAC/ADC clock source = direct MCLK
@ 512 fS (bypass on-chip PLL)
40
60
%
fMCLK
MCLK frequency
PLL mode, 256 fS reference
6.9
13.8
MHz
fMCLK
Direct 512 fS mode
27.6
MHz
tPDR
Low
15
ns
tPDRR
Recovery
Reset to active output
4096
tMCLK
PLL
Lock Time
MCLK or LRCLK
10
ms
256 fS VCO Clock, Output Duty Cycle,
MCLKO/MCLKXO Pin
40
60
%
I2C
See Figure 13 and Figure 14
fSCL
SCL clock frequency
400
kHz
tSCLL
SCL low
1.3
μs
tSCLH
SCL high
0.6
μs
tSCS
Setup time (start condition)
Relevent for repeated start condition
0.6
μs
tSCH
Hold time (start condition)
First clock generated after this period
0.6
μs
tSSH
Setup time (stop condition)
0.6
μs
tDS
Data setup time
100
ns
tSR
SDA and SCL rise time
300
ns
tSF
SDA and SCL fall time
300
ns
tBFT
Bus-free time
Between stop and start
1.3
μs
DAC SERIAL PORT
See Figure 2
tDBH
DBCLK high
Slave mode
10
ns
tDBL
DBCLK low
Slave mode
10
ns
tDLS
DLRCLK setup
To DBCLK rising, slave mode
10
ns
DLRCLK skew
From DBCLK falling, master mode
−8
+8
ns
tDLH
DLRCLK hold
From DBCLK rising, slave mode
5
ns
tDDS
DSDATA setup
To DBCLK rising
10
ns
tDDH
DSDATA hold
From DBCLK rising
5
ns
ADC SERIAL PORT
See Figure 3
tABH
ABCLK high
Slave mode
10
ns
tABL
ABCLK low
Slave mode
10
ns
tALS
ALRCLK setup
To ABCLK rising, slave mode
10
ns
ALRCLK skew
From ABCLK falling, master mode
−8
+8
ns
tALH
ALRCLK hold
From ABCLK rising, slave mode
5
ns
tABDD
ASDATA delay
From ABCLK falling, any mode
18
ns
AUXILIARY INTERFACE
tAXDS
AAUXDATA setup
To AUXBCLK rising
10
ns
tAXDH
AAUXDATA hold
From AUXBCLK rising
5
ns
tDXDD
DAUXDATA delay
From AUXBCLK falling
18
ns
tXBH
AUXBCLK high
10
ns
tXBL
AUXBCLK low
10
ns
tDLS
AUXLRCLK setup
To AUXBCLK rising
10
ns
tDLH
AUXLRCLK hold
From AUXBCLK rising
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com