Electronic Components Datasheet Search
  English  ▼

X  

AD1937WBSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD1937WBSTZ
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1937WBSTZ Datasheet HTML 8Page - Analog Devices AD1937WBSTZ Datasheet HTML 9Page - Analog Devices AD1937WBSTZ Datasheet HTML 10Page - Analog Devices AD1937WBSTZ Datasheet HTML 11Page - Analog Devices AD1937WBSTZ Datasheet HTML 12Page - Analog Devices AD1937WBSTZ Datasheet HTML 13Page - Analog Devices AD1937WBSTZ Datasheet HTML 14Page - Analog Devices AD1937WBSTZ Datasheet HTML 15Page - Analog Devices AD1937WBSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD1937
Rev. 0 | Page 12 of 36
Pin No.
Type1
Mnemonic
Description
23
I
VSUPPLY
5 V Input to Regulator, Emitter of Pass Transistor.
24
I
VSENSE
Connect 3.3 V Regulator Output, Collector of Pass Transistor, to This Pin.
25
O
VDRIVE
Drive for Base of Pass Transistor.
26
I/O
ASDATA2
ADC Serial Data Output 2. Data Output from ADC2/TDM ADC data in/AUX DAC1 data out (to
external DAC1).
27
O
ASDATA1
ADC Serial Data Output 1. Data Output from ADC1/TDM ADC data out/TDM data out.
28
I/O
ABCLK
Bit Clock for ADCs. Can be programmed as input or output in all modes.
29
I/O
ALRCLK
Frame Clock for ADCs. Can be programmed as input or output in all modes.
30
I
ADDR0
I2C Address Assignment.
31
I/O
SDA
Control Data Port (I2C).
34
I
SCL
Control Clock Port (I2C).
35
I
ADDR1
I2C Address Assignment.
36
O
DAC1LP
DAC1 Left Positive Output.
37
O
DAC1LN
DAC1 Left Negative Output.
38
O
DAC1RP
DAC1 Right Positive Output.
39
O
DAC1RN
DAC1 Right Negative Output.
40
O
DAC2LP
DAC2 Left Positive Output.
41
O
DAC2LN
DAC2 Left Negative Output.
42
O
DAC2RP
DAC2 Right Positive Output.
43
O
DAC2RN
DAC2 Right Negative Output.
47
O
FILTR
Analog Voltage Reference Filter Capacitor Connection. Bypass with 10 μF||100 nF to AGND.
49, 50, 63, 64
NC
No Connect.
52
O
CM
Common-Mode Reference Filter Capacitor Connection. Bypass with 47 μF||100 nF to AGND.
53
I
ADC1LP
ADC1 Left Positive Input.
54
I
ADC1LN
ADC1 Left Negative Input.
55
I
ADC1RP
ADC1 Right Positive Input.
56
I
ADC1RN
ADC1 Right Negative Input.
57
I
ADC2LP
ADC2 Left Positive Input.
58
I
ADC2LN
ADC2 Left Negative Input.
59
I
ADC2RP
ADC2 Right Positive Input.
60
I
ADC2RN
ADC2 Right Negative Input.
61
O
LF
PLL Loop Filter, Return to AVDD.
1 I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com