Electronic Components Datasheet Search
  English  ▼

X  

AD1937WBSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD1937WBSTZ
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1937WBSTZ Datasheet HTML 20Page - Analog Devices AD1937WBSTZ Datasheet HTML 21Page - Analog Devices AD1937WBSTZ Datasheet HTML 22Page - Analog Devices AD1937WBSTZ Datasheet HTML 23Page - Analog Devices AD1937WBSTZ Datasheet HTML 24Page - Analog Devices AD1937WBSTZ Datasheet HTML 25Page - Analog Devices AD1937WBSTZ Datasheet HTML 26Page - Analog Devices AD1937WBSTZ Datasheet HTML 27Page - Analog Devices AD1937WBSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD1937
Rev. 0 | Page 24 of 36
DLRCLK
DBCLK
DSDATA1
DAC1L
DAC1R
DAC2L
DAC2R
DSDATA2
DAC3L
DAC3R
DAC4L
DAC4L
32 BITS
MSB
Figure 24. Dual-Line Daisy-Chain TDM Mode 8-Channel 192 kHz DAC Configuration
ALRCLK
ABCLK
ASDATA2 (TDM ADC DATA IN)
OF THE SECOND AD1937
IN THE CHAIN
ADC1L
ADC1R
ADC2L
ADC2R
4 ADC CHANNELS OF FIRST IC IN THE CHAIN
4 ADC CHANNELS OF SECOND IC IN THE CHAIN
ASDATA1 (TDM ADC DATA OUT)
OF THE SECOND AD1937
IN THE CHAIN
ADC1L
ADC1R
ADC2L
ADC2R
ADC1L
ADC1R
ADC2L
ADC2R
32 BITS
MSB
DSP
SECOND
AD1937
FIRST
AD1937
Figure 25. Single-Line Daisy-Chain TDM Mode 256 × fS ADC Configuration
ALRCLK
ABCLK
4 ADC CHANNELS OF
SECOND IC IN THE CHAIN
4 ADC CHANNELS OF
FIRST IC IN THE CHAIN
ADCL1
ADCR1
ADCL2
ADCR2
ADCL1
ADCR1
ADCL2
ADCR2
ASDATA1 (TDM ADC DATA OUT)
OF THE SECOND AD1937
IN THE CHAIN
ADCL1
ADCR1
ADCL2
ADCR2
ASDATA2 (TDM ADC DATA IN)
OF THE SECOND AD1937
IN THE CHAIN
32 BITS
MSB
DSP
SECOND
AD1937
FIRST
AD1937
Figure 26. Single-Line Daisy-Chain TDM Mode 512 × fS ADC Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com