Electronic Components Datasheet Search
  English  ▼

X  

AD1937WBSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1937WBSTZ
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD1937WBSTZ Datasheet HTML 1Page - Analog Devices AD1937WBSTZ Datasheet HTML 2Page - Analog Devices AD1937WBSTZ Datasheet HTML 3Page - Analog Devices AD1937WBSTZ Datasheet HTML 4Page - Analog Devices AD1937WBSTZ Datasheet HTML 5Page - Analog Devices AD1937WBSTZ Datasheet HTML 6Page - Analog Devices AD1937WBSTZ Datasheet HTML 7Page - Analog Devices AD1937WBSTZ Datasheet HTML 8Page - Analog Devices AD1937WBSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Four ADCs/Eight DACs with PLL,
192 kHz, 24-Bit Codec
AD1937
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
PLL-generated clock or direct master clock
Low EMI design
112 dB DAC/107 dB ADC dynamic range and SNR
−96 dB THD + N
Single 3.3 V supply
Tolerance for 5 V logic inputs
Supports 24-bits and 8 kHz to 192 kHz sample rates
Differential ADC input
Differential DAC output
Log volume control with autoramp function
I2C-controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S, and TDM modes
Master and slave modes up to 16-channel input/output
Available in a 64-lead LQFP
AECQ-100 qualified
APPLICATIONS
Automotive audio systems
Home theater systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1937 is a high performance, single-chip codec that provides
four analog-to-digital converters (ADCs) with differential input
and eight digital-to-analog converters (DACs) with differential
output, using the Analog Devices, Inc., patented multibit sigma-
delta (Σ-Δ) architecture. An I2C® port is included, allowing a
microcontroller to adjust volume and many other parameters.
The AD1937 operates from 3.3 V digital and analog supplies.
The AD1937 is available in a 64-lead (differential output) LQFP.
The AD1937 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from the
LR (frame) clock or from an external crystal, the AD1937 elimi-
nates the need for a separate high frequency master clock and
can also be used with a suppressed bit clock. The DACs and
ADCs are designed using the latest Analog Devices continuous
time architecture to further minimize EMI. By using 3.3 V
supplies, power consumption is minimized and further
reduces emissions.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL DATA PORT
DIGITAL AUDIO
INPUT/OUTPUT
PRECISION
VOLTAGE
REFERENCE
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PLL)
I2C
CONTROL PORT
CONTROL DATA
INPUT/OUTPUT
AD1937
ADC
ADC
ADC
ADC
ANALOG
AUDIO
INPUTS
ANALOG
AUDIO
OUTPUTS
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DIGITAL
FILTER
AND
VOLUME
CONTROL
SDATA
OUT
SDATA
IN
CLOCKS
Figure 1.


Similar Part No. - AD1937WBSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1937WBSTZ AD-AD1937WBSTZ Datasheet
435Kb / 37P
Four ADCs/Eight DACs
REV.B
AD1937WBSTZ-RL AD-AD1937WBSTZ-RL Datasheet
435Kb / 37P
Four ADCs/Eight DACs
REV.B
More results

Similar Description - AD1937WBSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
AD1935 AD-AD1935 Datasheet
381Kb / 30P
4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1974 AD-AD1974 Datasheet
492Kb / 24P
4 ADC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1928 AD-AD1928 Datasheet
595Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1937 AD-AD1937_17 Datasheet
435Kb / 37P
Four ADCs/Eight DACs
REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com