Electronic Components Datasheet Search
  English  ▼

X  

AD1937WBSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD1937WBSTZ
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1937WBSTZ Datasheet HTML 25Page - Analog Devices AD1937WBSTZ Datasheet HTML 26Page - Analog Devices AD1937WBSTZ Datasheet HTML 27Page - Analog Devices AD1937WBSTZ Datasheet HTML 28Page - Analog Devices AD1937WBSTZ Datasheet HTML 29Page - Analog Devices AD1937WBSTZ Datasheet HTML 30Page - Analog Devices AD1937WBSTZ Datasheet HTML 31Page - Analog Devices AD1937WBSTZ Datasheet HTML 32Page - Analog Devices AD1937WBSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD1937
Rev. 0 | Page 29 of 36
Table 25. DAC Control 1 Register (Address 3, 0x03)
Bit
Value
Function
Description
0
0
Latch in midcycle (normal)
DBCLK active edge (TDM_IN)
1
Latch in at end of cycle (pipeline)
2:1
00
64 (2 channels)
DBCLKs per frame
01
128 (4 channels)
10
256 (8 channels)
11
512 (16 channels)
3
0
Left low
DLRCLK polarity
1
Left high
4
0
Slave
DLRCLK master/slave
1
Master
5
0
Slave
DBCLK master/slave
1
Master
6
0
DBCLK pin
DBCLK source
1
Internally generated
7
0
Normal
DBCLK polarity
1
Inverted
Table 26. DAC Control 2 Register (Address 4, 0x04)
Bit
Value
Function
Description
0
0
Unmute
Master mute
1
Mute
2:1
00
Flat
De-emphasis (32 kHz/44.1 kHz/48 kHz mode only)
01
48 kHz curve
10
44.1 kHz curve
11
32 kHz curve
4:3
00
24 bits
Word width
01
20 bits
10
Reserved
11
16 bits
5
0
Noninverted
DAC output polarity
1
Inverted
7:6
00
Reserved
Table 27. DAC Individual Channel Mutes Register (Address 5, 0x05)
Bit
Value
Function
Description
0
0
Unmute
DAC1L mute
1
Mute
1
0
Unmute
DAC1R mute
1
Mute
2
0
Unmute
DAC2L mute
1
Mute
3
0
Unmute
DAC2R mute
1
Mute
4
0
Unmute
DAC3L mute
1
Mute
5
0
Unmute
DAC3R mute
1
Mute
6
0
Unmute
DAC4L mute
1
Mute
7
0
Unmute
DAC4R mute
1
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com