Electronic Components Datasheet Search
  English  ▼

X  

AD5100 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 1 Page - Analog Devices

  AD5100 Datasheet HTML 1Page - Analog Devices AD5100 Datasheet HTML 2Page - Analog Devices AD5100 Datasheet HTML 3Page - Analog Devices AD5100 Datasheet HTML 4Page - Analog Devices AD5100 Datasheet HTML 5Page - Analog Devices AD5100 Datasheet HTML 6Page - Analog Devices AD5100 Datasheet HTML 7Page - Analog Devices AD5100 Datasheet HTML 8Page - Analog Devices AD5100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
System Management IC with Programmable Quad
Voltage Monitoring and Supervisory Functions
AD5100
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
2 device-enabling outputs with 6 programmable monitoring
inputs (see Table 1)
Two 30 V monitoring inputs with shutdown control of
external devices
Programmable overvoltage, undervoltage, turn-on and
turn-off thresholds, and shutdown timings
Shutdown warning with fault detection
Reset control of external devices
5 V and 7.96 V monitoring inputs with reset control of
external devices
Programmable reset thresholds and hold time
eMOST-compatible inputs
Diagnostic application using V2MON and V4MON
Two supervisory functions
Watchdog reset controller with programmable timeout
and selectable floating input
Manual reset control for external devices
Digital interface and programmability
I2C-compatible interface
OTP1 for permanent threshold and timing settings
OTP can be overwritten for dynamic adjustments
Power-up by edge triggered signal
Power-down over I2C bus
Operating range
Supply voltage: 6.0 V to 30 V
Temperature range: −40°C to +125°C
Shutdown current: 5 μA max
Operating current: 2 mA max
High voltage input antimigration shielding pinouts
APPLICATIONS
Automotive systems
Network equipment
Computers, controllers, and embedded systems
1 One-time programmable EPROM with unlimited adjustment before OTP
execution.
GENERAL DESCRIPTION
The AD5100 is a programmable system management IC that
combines four channels of voltage monitoring and watchdog
supervision. The AD5100 can be used to shut down external
supplies, reset processors, or disable any other system electron-
ics when the system malfunctions. The AD5100 can also be
used to protect systems from improper device power-up
sequencing. The AD5100, a robust watchdog reset controller,
can monitor two 30 V inputs with shutdown and reset controls,
one 2.3 V to 5.0 V input, and one 1.6 V to 7.96 V input. Most
monitoring input thresholds and timing settings can be
programmed on-the-fly or permanently set with the OTP
memory feature.
The AD5100 is versatile for system monitoring applications
where critical microprocessor, DSP, and embedded systems
operate under harsh conditions, such as automotive, industrial,
or communications network environments.
The AD5100 is available in a compact 16-lead QSOP package
and can operate in an extended automotive temperature range
from −40°C to +125°C.
Table 1. AD5100 General Input and Output Information
Input
Monitoring
Range1
Shutdown
Control
Reset
Control
Fault
Detection
V1MON
6 V to 28.29 V
Yes
Yes
Yes
V2MON
3 V to 24.75 V
Yes
Yes
Yes
V3MON
2.32 V to 4.97 V
No
Yes
Yes
V4MON
1.67 V to 7.96 V
No
Yes
Yes
WDI
0 V to 5 V
Yes
Yes
No
MR
0 V to 5 V
No
Yes
No
1 With programmable threshold and programmable delay.


Similar Part No. - AD5100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Similar Description - AD5100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
logo
Analog Devices
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com