Electronic Components Datasheet Search
  English  ▼

X  

AD5100 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5100 Datasheet HTML 13Page - Analog Devices AD5100 Datasheet HTML 14Page - Analog Devices AD5100 Datasheet HTML 15Page - Analog Devices AD5100 Datasheet HTML 16Page - Analog Devices AD5100 Datasheet HTML 17Page - Analog Devices AD5100 Datasheet HTML 18Page - Analog Devices AD5100 Datasheet HTML 19Page - Analog Devices AD5100 Datasheet HTML 20Page - Analog Devices AD5100 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD5100
Rev. 0 | Page 17 of 36
Standard Watchdog Mode
In the default standard watchdog mode, if WDI remains either
high or low for longer than the timeout period, tWD, a RESET
pulse is generated in an attempt to allow the system processor to
re-establish the WDI signal. The RESET pulses continue indefi-
nitely until a valid watchdog signal, a rising or falling edge
signal at the WDI, is received. The internal watchdog timer
clears whenever a reset is asserted. The standard WDI and
RESET timing diagrams are shown in
.
Figure 13
Advanced Watchdog Mode
The AD5100 can be programmed into an advanced watchdog
mode. In this mode, if WDI remains either high or low for
longer than the timeout period, tWD, a RESET pulse is generated,
as per standard mode. However, if the WDI input remains
inactive after three such RESET pulses, concurrent with the
fourth RESET pulse, SHDN is also asserted. SHDN is released
after 1 second. These actions repeat indefinitely (unless action
is taken by the user), if the processor is not responding. The
advanced WDI and RESET timing diagrams are shown in
.
Figure 14
tWDI
tWD
tWDR
tWD
tWDR
WDI
RESET PULSE
CONTINUOUS PULSES UNTIL WATCHDOG AWAKES
RESET
tWDR = WATCHDOG-INITIATED RESET PULSE WIDTH
tWDI = WATCHDOG PULSE WIDTH
tWD = WATCHDOG PROGRAMMABLE TIME
Figure 13. Standard Watchdog—Pulsing Reset Until Watchdog Awakes
tWDI
tWD
tWDI
tWD_SHDN
tWD
tWDR
3 RESET PULSES
1 RESET PULSE
SHUTDOWN AT 4TH RESET PULSE
RELEASE AFTER 1s
WDI
RESET
SHDN
Figure 14. Advanced Watchdog—SHDN Asserted After Three Trials of Resetting the Watchdog (SHDN Released After 1 Second and the Cycle Repeats)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com