Electronic Components Datasheet Search
  English  ▼

X  

AD5100 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5100 Datasheet HTML 7Page - Analog Devices AD5100 Datasheet HTML 8Page - Analog Devices AD5100 Datasheet HTML 9Page - Analog Devices AD5100 Datasheet HTML 10Page - Analog Devices AD5100 Datasheet HTML 11Page - Analog Devices AD5100 Datasheet HTML 12Page - Analog Devices AD5100 Datasheet HTML 13Page - Analog Devices AD5100 Datasheet HTML 14Page - Analog Devices AD5100 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD5100
Rev. 0 | Page 11 of 36
Table 8. Available Programmable Hold Time and Delay
t1SD_HOLD
t1SD_DELAY
t2SD_HOLD
t2SD_DELAY
tRS_HOLD
tWD
0.07 ms
0.07 ms
0.07 ms
0.07 ms
0.1 ms
100 ms
20 ms
50 ms
10 ms1
50 ms
1 ms
250 ms
40 ms
100 ms
20 ms
100 ms1
15 ms
500 ms
60 ms
200 ms
30 ms
200 ms
30 ms
750 ms
80 ms
400 ms
40 ms
400 ms
50 ms
1000 ms
100 ms
800 ms
50 ms
800 ms
100 ms
1250 ms
150 ms
1000 ms
100 ms
1000 ms
150 ms
1500 ms1
200 ms1
1200 ms1
200 ms
1200 ms
200 ms1
2000 ms
1 Default.
Table 9. Look-Up Table of Programming Code vs. Typical Timings Shown in Table 8
Code
t1SD_HOLD
t1SD_DELAY
t2SD_HOLD
t2SD_DELAY
tRS_HOLD
tWD
000
200 ms1
1200 ms1
10 ms1
100 ms1
200 ms1
1500 ms1
001
150 ms
1000 ms
20 ms
50 ms
150 ms
2000 ms
010
100 ms
800 ms
30 ms
200 ms
100 ms
1250 ms
011
80 ms
400 ms
40 ms
400 ms
50 ms
1000 ms
100
60 ms
200 ms
50 ms
800 ms
30 ms
750 ms
101
40 ms
100 ms
100 ms
1000 ms
15 ms
500 ms
110
20 ms
50 ms
200 ms
1200 ms
1 ms
250 ms
111
0.07 ms
0.07 ms
0.07 ms
0.07 ms
0.1 ms
100 ms
1 Default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com