Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5482 Datasheet HTML 1Page - Texas Instruments ADS5482 Datasheet HTML 2Page - Texas Instruments ADS5482 Datasheet HTML 3Page - Texas Instruments ADS5482 Datasheet HTML 4Page - Texas Instruments ADS5482 Datasheet HTML 5Page - Texas Instruments ADS5482 Datasheet HTML 6Page - Texas Instruments ADS5482 Datasheet HTML 7Page - Texas Instruments ADS5482 Datasheet HTML 8Page - Texas Instruments ADS5482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (ADS5481, ADS5482, ADS5483)
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
ADS5481, ADS5482,
ADS5483
UNIT
MIN
TYP
MAX
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3.1
3.3
3.6
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
3
VPP
VCM
Input common mode
3.1
V
DIGITAL OUTPUT (DRY, DATA)
Maximum differential output load (parasitic or intentional)
5
pF
Differential output resistance
100
Ω
CLOCK INPUT (CLK)
Max
CLK input sample rate (sine wave)
10
Rated
MSPS
Clock
Clock amplitude, differential sine wave (see Figure 69)
1.5
5
VPP
Clock duty cycle (see Figure 74)
45
50
55
%
TA
Operating free-air temperature
–40
+85
°C
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = max rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5481
ADS5482
ADS5483
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Clock rate
80
105
135
MSPS
Resolution
16
16
16
Bits
ANALOG INPUTS
Differential input range
3
3
3
VPP
Analog input common-mode
Self-biased; see VCM
3.1
3.1
3.1
V
voltage
specification below
Input resistance (dc)
Each input to VCM
1000
1000
1000
Ω
Each input to GND
Input capacitance
3.5
3.5
3.5
pF
(including package)
Analog input bandwidth
125
125
485
MHz
(–3dB)
Common-mode signal
CMRR
Common-mode rejection ratio
65
65
65
dB
70 MHz (see Figure 56)
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
1.2
1.2
1.2
V
Analog input common-mode
With internal voltage
VCM
3
3.15
3.35
3
3.15
3.35
3
3.15
3.35
V
voltage reference output
reference
VCM temperature coefficient
-1
-1
-1
mV/°C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com