Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5482 Datasheet HTML 1Page - Texas Instruments ADS5482 Datasheet HTML 2Page - Texas Instruments ADS5482 Datasheet HTML 3Page - Texas Instruments ADS5482 Datasheet HTML 4Page - Texas Instruments ADS5482 Datasheet HTML 5Page - Texas Instruments ADS5482 Datasheet HTML 6Page - Texas Instruments ADS5482 Datasheet HTML 7Page - Texas Instruments ADS5482 Datasheet HTML 8Page - Texas Instruments ADS5482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
fI − Input Frequency − MHz
80
85
90
95
100
0
20
40
60
80
100
120
140
G068
ADS5482
ADS5483
ADS5481
fI − Input Frequency − MHz
75
76
77
78
79
80
81
82
0
20
40
60
80
100
120
140
G069
ADS5483
ADS5481
ADS5482
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
• Wireless Infrastructure (Multi-Carrier GSM,
23
• 80/105/135-MSPS Sample Rates
WCDMA, LTE)
• 16-Bit Resolution
• Test and Measurement Instrumentation
• SFDR: 95 dBc at 70 MHz and 135 MSPS
• Software-Defined Radio
• SNR: 78.6 dBFS at 70 MHz and 135 MSPS
• Data Acquisition
• Efficient DDR LVDS-Compatible Outputs
• Power Amplifier Linearization
• Internal Dither Available
• Communication Instrumentation
• Total Power Dissipation: 2.2 W
• Radar
• Power-Down Mode: 70 mW
• Medical Imaging
• On-Chip High Impedance Analog Buffer
• QFN-64 PowerPAD™ Package
(9 mm × 9 mm Footprint)
• Industrial Temperature Range:
–40°C to +85°C
The ADS5481/ADS5482/ADS5483 (ADS548x) is a 16-bit family of analog-to-digital converters (ADCs) that
operate from both a 5-V supply and 3.3-V supply while providing LVDS-compatible digital outputs. The ADS548x
integrated analog input buffer isolates the internal switching of the onboard track and hold (T&H) from disturbing
the signal source while providing a high-impedance input. An internal reference generator is also provided to
simplify the system design.
Designed for highest total ENOB, the ADS548x family has outstanding low noise performance and spurious-free
dynamic range.
The ADS548x is available in an QFN-64 PowerPAD package. The device is built on Texas Instruments
complementary bipolar process (BiCom3) and is specified over the full industrial temperature range (–40°C to
+85°C).
SFDR
SNR
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5482 TI-ADS5482 Datasheet
1Mb / 33P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482 TI-ADS5482 Datasheet
1Mb / 35P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCR TI-ADS5482IRGCR Datasheet
1Mb / 33P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCR TI-ADS5482IRGCR Datasheet
1Mb / 35P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCT TI-ADS5482IRGCT Datasheet
1Mb / 33P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com