Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 19Page - Texas Instruments ADS5482 Datasheet HTML 20Page - Texas Instruments ADS5482 Datasheet HTML 21Page - Texas Instruments ADS5482 Datasheet HTML 22Page - Texas Instruments ADS5482 Datasheet HTML 23Page - Texas Instruments ADS5482 Datasheet HTML 24Page - Texas Instruments ADS5482 Datasheet HTML 25Page - Texas Instruments ADS5482 Datasheet HTML 26Page - Texas Instruments ADS5482 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Input Amplitude − dBFS
−80
−60
−40
−20
0
20
40
60
80
100
120
140
160
180
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G046
fS = 135 MSPS
fIN = 30 MHz
AIN = −0.8 to −100 dBFS
512k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SNR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
SNR (dBc,
Dither OFF)
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
Output Code
0
5
10
15
20
25
30
35
G045
fs = 80 MSPS for ADS5481
fs = 105 MSPS for ADS5482
fs = 135 MSPS for ADS5483
Analog Inputs Shorted to
VCM
ADS5481/5482
ADS5483
Input Amplitude − dBFS
−80
−60
−40
−20
0
20
40
60
80
100
120
140
160
180
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G065
fS = 135 MSPS
fIN = 100 MHz
AIN = −0.6 to −100 dBFS
512k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SNR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
SNR (dBc,
Dither OFF)
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
Input Amplitude − dBFS
−150
−140
−130
−120
−110
−100
−90
−80
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
G047
Dither, Dominant Spur (dBFS)
Dither, 2F1−F2 (dBFS)
No Dither, Dominant Spur (dBFS)
Dither, 2F2−F1 (dBFS)
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5483 AC PERFORMANCE
vs
NOISE HISTOGRAM WITH INPUTS SHORTED
INPUT AMPLITUDE (30 MHz Input Signal)
Figure 46.
Figure 47.
ADS5483 AC PERFORMANCE
ADS5483 TWO-TONE PERFORMANCE
vs
vs
INPUT AMPLITUDE (100 MHz Input Signal)
INPUT AMPLITUDE (f1 = 39.5 MHz and f2 = 40.5 MHz)
Figure 48.
Figure 49.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com