Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 29Page - Texas Instruments ADS5482 Datasheet HTML 30Page - Texas Instruments ADS5482 Datasheet HTML 31Page - Texas Instruments ADS5482 Datasheet HTML 32Page - Texas Instruments ADS5482 Datasheet HTML 33Page - Texas Instruments ADS5482 Datasheet HTML 34Page - Texas Instruments ADS5482 Datasheet HTML 35Page - Texas Instruments ADS5482 Datasheet HTML 36Page - Texas Instruments ADS5482 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
SNR(dBc)= 20
LOG10(2
f
j
)
-
p ´
´
´
´
IN
TOTAL
(1)
j
=(j
+j
)
TOTAL
ADC
CLOCK
2
1/2
2
(2)
CLKP
CLKM
REF
400 MHz (To Transmit DAC)
100 MHz (To DSP)
100 MHz (To FPGA)
To Other
10 MHz
400MHz
100 MHz
Low Jitter Oscillator
BPF
LVCMOS
XFMR
AMP
AMP and/or BPF Optional
BoardMaster
ReferenceClock
(Highor LowJitter)
VCO/
VCXO
CDC
(ClockDistributionChip)
Ex: TI CDCE72010
LVPECL
or
LVCMOS
ADC
TI ADS548x
B0268-01
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
Equation 1 and Equation 2 are used to estimate the required clock source jitter.
where:
jTOTAL = the rms summation of the clock and ADC aperture jitter;
jADC = the ADC internal aperture jitter which is located in the data sheet;
jCLOCK = the rms jitter of the clock at the clock input pins to the ADC; and
fIN = the analog input frequency.
Notice that the SNR is a strong function of the analog input frequency, not the clock frequency. The slope of the
clock source edges can have a mild impact on SNR as well and is not taken into account for these estimates.
For this reason, maximizing clock source amplitudes at the ADC clock inputs is recommended, though not
required (faster slope is desirable for jitter-related SNR). For more information on clocking high-speed ADCs, see
Application Note SLWA034, Implementing a CDC7005 Low Jitter Clock Solution For High-Speed, High-IF ADC
Devices, on the Texas Instruments web site. Recommended clock distribution chips (CDCs) are the TI
CDCE72010 and CDCM7005. Depending on the jitter requirements, a band pass filter (BPF) is sometimes
required between the CDC and the ADC. If the insertion loss of the BPF causes the clock amplitude to be too
low for the ADC, or the clock source amplitude is too low to begin with, an inexpensive amplifier can be placed
between the CDC and the BPF, as its harmonics and wide-band noise will be reduced by the BPF.
Figure 75 represents a scenario where an LVCMOS single-ended clock output is used from a TI CDCE72010
with the clock signal path optimized for maximum amplitude and minimum jitter. The jitter of this setup is difficult
to estimate and requires a careful phase noise analysis of the clock path. The BPF (and possibly a low-cost
amplifier because of insertion loss in the BPF) can improve the jitter between the CDC and ADC when the jitter
provided by the CDC is still not adequate. The total jitter at the CDCE72010 output depends largely on the phase
noise of the VCXO/VCO selected, as well as from the CDCE72010 itself.
Consult the CDCE72010 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 75. Optimum Jitter Clock Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com